Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6042LDFPR Datasheet(PDF) 40 Page - Texas Instruments

Part # ISO6042LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6042LDFPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button ISO6042LDFPR Datasheet HTML 36Page - Texas Instruments ISO6042LDFPR Datasheet HTML 37Page - Texas Instruments ISO6042LDFPR Datasheet HTML 38Page - Texas Instruments ISO6042LDFPR Datasheet HTML 39Page - Texas Instruments ISO6042LDFPR Datasheet HTML 40Page - Texas Instruments ISO6042LDFPR Datasheet HTML 41Page - Texas Instruments ISO6042LDFPR Datasheet HTML 42Page - Texas Instruments ISO6042LDFPR Datasheet HTML 43Page - Texas Instruments ISO6042LDFPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
10 Device and Documentation Support
10.1 Documentation Support
10.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, ISO6040 Technical Documents
• Texas Instruments, ISO6041 Technical Documents
• Texas Instruments, ISO6042 Technical Documents
• Texas Instruments, Digital Isolator Design Guide, application note
• Texas Instruments, Isolation Glossary, application note
• Texas Instruments, Maintain Isolation Ratings in Half the Size with DFB and DFP Digital Isolator Packaging,
application note
• Texas Instruments, How to use isolation to improve ESD, EFT, and Surge immunity in industrial systems,
application note
• Texas Instruments, SN6501 Transformer Driver for Isolated Power Supplies, data sheet
• Texas Instruments, ADS127L21 512kSPS, Programmable Filter, 24-Bit, Wideband Delta-Sigma ADC, data
sheet
• Texas Instruments, ADS127L1x 512kSPS, Quad and Octal, Simultaneous-Sampling, 24-Bit ADCs, data sheet
• Texas Instruments, ADS127L11 400-kSPS, Wide-Bandwidth, 24-Bit, Delta-Sigma ADC, data sheet
10.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
40
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com