| Electronic Components Datasheet Search |
|
ISO6042LDFPR Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6042LDFPR Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 56 page ![]() 6.18 Switching Characteristics-3.3V Supply VCC1 = VCC2 = 3.3V ±10% (over recommended operating conditions unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT tPLH, tPHL Propagation delay time at 100kbps See Section 7 10 ns PWD Pulse width distortion(1) |tPHL – tPLH| 1.2 tsk(o) Channel-to-channel output skew time(2) Same-direction channels 1.2 Opposite-direction channels 1.2 tsk(pp) Part-to-part skew time(3) 3 tr Output signal rise time See Section 7 4 tf Output signal fall time 4 tPHZ Disable propagation delay, high-to-high impedance output 20 tPLZ Disable propagation delay, low-to-high impedance output 20 tPZH Enable propagation delay, high impedance-to-high output for device versions with Enable (EN) See Section 7 17 ns tPZL Enable propagation delay, high impedance-to-low output for device versions with Enable (EN) 18 tPU Time from VCC UVLO to valid output data VCC ramp < 1µs 70 µs tDO Default output delay time from input power loss Measured from the time VCC goes below VCC_UVLO–(MIN). See Section 7 20 µs tie Time interval error 216 – 1 PRBS data at 200Mbps, CL as defined in Recommended Operating Conditions, one channel switching 115 ps tJCLK(RMS) Clock Jitter (RMS) 10MHz clock input, rising/falling edges, CL as defined in Recommended Operating Conditions, one channel switching 7 ps (1) Also known as pulse skew. (2) tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same direction while driving identical loads. (3) tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same direction while operating at identical supply voltages, temperature, input signals and loads. www.ti.com ISO6040, ISO6041, ISO6042 SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: ISO6040 ISO6041 ISO6042 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |