Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F1V Datasheet(PDF) 86 Page - STMicroelectronics

Part # PSD813F1V
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V Datasheet(HTML) 86 Page - STMicroelectronics

Back Button PSD813F1V Datasheet HTML 82Page - STMicroelectronics PSD813F1V Datasheet HTML 83Page - STMicroelectronics PSD813F1V Datasheet HTML 84Page - STMicroelectronics PSD813F1V Datasheet HTML 85Page - STMicroelectronics PSD813F1V Datasheet HTML 86Page - STMicroelectronics PSD813F1V Datasheet HTML 87Page - STMicroelectronics PSD813F1V Datasheet HTML 88Page - STMicroelectronics PSD813F1V Datasheet HTML 89Page - STMicroelectronics PSD813F1V Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
-90
-12
-15
Fast
PT
TURBO
Slew
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Aloc
OFF
*
(Note 1)
Unit
Maximum Frequency
External Feedback
1/(tS +t CO)
30.30
26.3
23.8
MHz
Maximum Frequency
fMAX
Internal Feedback
1/(tS +t CO–10)
43.48
35.7
31.25
MHz
(fCNT)
Maximum Frequency
Pipelined Data
1/(tCH +t CL)
50.00
41.67
33.3
MHz
tS
Input Setup Time
15
18
20
Add 2 Add 10
ns
tH
Input Hold Time
0
0
0
ns
tCH
Clock High Time
Clock Input
10
12
15
ns
tCL
Clock Low Time
Clock Input
10
12
15
ns
tCO
Clock to Output Delay
Clock Input
18
20
22
Sub 2
ns
tARD
CPLD Array Delay
Any Micro
⇔Cell
16
18
22
Add 2
ns
tMIN
Minimum Clock Period
tCH +t CL (Note 2)
20
24
30
ns
CPLD Micro
⇔Cell Synchronous Clock Mode Timing (5 V ± 10% Versions)
NOTES: 1.
Fast Slew Rate output available on PA[3:0], PB[3:0], and PD[2:0].
2.
CLKIN tCLCL = tCH + tCL.
*ZPSD versions only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com