| Electronic Components Datasheet Search |
|
HT46C46 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46C46 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc |
|
18 / 77 page ![]() HT46R46/C46/R47/C47/R48A/C48A/R49 Rev. 1.30 18 June 5, 2008 · PWM Outputs All devices contain one or two PWM outputs pin shared with pins PD0 and PD1. The PWM output functions are chosen via configuration options and re- main fixed after the device is programmed. Note that the corresponding bit or bits of the port control regis- ter, PDC, must setup the pin as an output to enable the PWM output. If the PDC port control register has setup the pin as an input, then the pin will function as a normal logic input with the usual pull-high option, even if the PWM configuration option has been selected. · A/D Inputs Each device has four A/D converter inputs. All of these analog inputs are pin-shared with I/O pins on Port B. If these pins are to be used as A/D inputs and not as normal I/O pins then the corresponding bits in the A/D Converter Control Register, ADCR, must be properly set. There are no configuration options asso- ciated with the A/D function. If used as I/O pins, then full pull-high resistor configuration options remain, however if used as A/D inputs then any pull-high resis- tor options associated with these pins will be automat- ically disconnected. V D D M U X W a k e - u p O p t i o n S y s t e m W a k e - u p R e a d D a t a R e g i s t e r C o n t r o l B i t P u l l - H i g h O p t i o n D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t I / O P i n W e a k P u l l - u p D Q C K S Q D Q C K S Q P A o n l y Non-pin-shared Function Input/Output Ports V D D M U X R e a d D a t a R e g i s t e r C o n t r o l B i t P u l l - H i g h O p t i o n D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t I N T f o r P A 5 o n l y T M R f o r P A 4 o n l y P A 4 / T M R P A 5 / I N T W a k e - u p O p t i o n S y s t e m W a k e - u p W e a k P u l l - u p D Q C K S Q D Q C K S Q PA4/PA5 Input/Output Ports |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |