Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5956PD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5956PD
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956PD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5956PD Datasheet HTML 6Page - STMicroelectronics L5956PD Datasheet HTML 7Page - STMicroelectronics L5956PD Datasheet HTML 8Page - STMicroelectronics L5956PD Datasheet HTML 9Page - STMicroelectronics L5956PD Datasheet HTML 10Page - STMicroelectronics L5956PD Datasheet HTML 11Page - STMicroelectronics L5956PD Datasheet HTML 12Page - STMicroelectronics L5956PD Datasheet HTML 13Page - STMicroelectronics L5956PD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Timing diagrams
L5956
10/16
3
Timing diagrams
Figure 4.
Timing diagram of regulators and power switch
Figure 5.
Backup and reset diagram
9V
V
VIN1=VIN2
9V
POWER SWITCH
8.5V
5V
REG1(8.5V)
REG3(5V)
3.3V
REG4(3.3V)
EN1-3
5V
REG2(5V)
EN4
EN-SW
DUMP
D02AU1420B
M
VM
18V < VM
≤ 22V
4.7
4.8
5
5
3
14
RESET
CDELAY
D02AU1422
5V PERM
VBATT
BACKUP CAP.
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com