Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLL5913B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MLL5913B
Description  METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL5913B Datasheet(HTML) 1 Page - Microsemi Corporation

  MLL5913B Datasheet HTML 1Page - Microsemi Corporation MLL5913B Datasheet HTML 2Page - Microsemi Corporation MLL5913B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
METALLURGICALLY BONDED GLASS
SURFACE MOUNT 1.5 WATT ZENERS
SCOTTSD A L E DIVISION
1N5913BUR-1 thru 1N5956BUR-1
(or MLL5913B thru MLL5956B)
DESCRIPTION
APPEARANCE
This surface mountable 1.5 W Zener diode series in the JEDEC DO-213AB
package is similar in electrical features to the JEDEC registered 1N5913B
thru 1N5956B axial-leaded package for 3.3 to 200 V. It is an ideal selection
for applications of high density and low parasitic requirements. Due to its
glass hermetic qualities and metallurgically enhanced internal contacts, it
may also be used for high reliability applications when required by a source
control drawing (SCD) or screening in accordance with MIL-PRF-19500 as
described in Features below. Zener voltage tolerance options are identified
by part number suffix including tight-tolerance. A variety of other Zener
product offerings and packages are available by Microsemi to meet higher
or lower power and test current applications.
DO-213AB
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Electrically similar to the JEDEC registered 1N5913B
thru 1N5956B zener series
• Zener voltages available 3.3V to 200V
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers, e.g. MX1N5913BUR-1,
MV1N5923CUR-1, MSP1N5952DUR-1, etc.
• Surface mount equivalents also available as
SMBJ5913B to SMBJ5956B, SMBG5913B to
SMBG5956B, SMAJ5913B to SMAJ5956B, or as
1PMT5913B to 1PMT5956B (see separate data
sheets)
• Plastic body axial-leaded Zener equivalents are also
available as 1N5913BP to 1N5956BP (see separate
data sheet)
• Regulates voltage over a broad operating current
and temperature range
• Wide selection from 3.3 to 200 V
• Leadless package for surface mounting
• Ideal for high density mounting
• Metallurgically enhanced internal contact design for
greater reliability and lower thermal resistance
• Standard voltage tolerances are +/- 5% with B suffix
and 10 % with A suffix identification
• Tight tolerances available in plus or minus 2% or
1% with C or D suffix respectively
• Nonsensitive to ESD
• Hermetically sealed glass package
• Specified capacitance (see Figure 2)
• Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Power dissipation at 25ºC: 1.5 watts (also see
derating in Figure 1).
• Operating and Storage temperature: -65ºC to +175ºC
• Thermal Resistance: 40 ºC/W junction to end cap, or
120
ºC/W junction to ambient when mounted on FR4
PC board (1 oz Cu) with recommended footprint (see
last page)
• Steady-State Power: 1.50 watts at TEC < 115oC, or
1.25 watts at TA = 25
ºC when mounted on FR4 PC
board and recommended footprint as described for
thermal resistance (also see Figure 1)
• Forward voltage @200 mA: 1.2 volts (maximum)
• Solder Temperatures: 260 ºC for 10 s (max)
• CASE: Hermetically sealed DO-213AB glass MELF
package
• TERMINALS: End caps, tin-lead plated solderable
per MIL-STD-750, method 2026
• POLARITY: Cathode indicated by band. Diode to
be operated with the banded end positive with
respect to the opposite end for Zener regulation
• MARKING: Cathode band only
• TAPE & REEL optional: Standard per EIA-481-B
with 12 mm tape, 1500 per 7 inch reel or 5000 per
13 inch reel (add “TR” suffix to part number)
• WEIGHT: 0.05 grams
• See package dimensions on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2005
1-04-2005 REV D


Similar Part No. - MLL5913B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL5913 MICROSEMI-MLL5913 Datasheet
76Kb / 2P
LEADLESS GLASS ZENER DIODES
More results

Similar Description - MLL5913B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4099UR MICROSEMI-1N4099UR Datasheet
189Kb / 3P
GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N957B MICROSEMI-1N957B_1 Datasheet
123Kb / 2P
METALLURGICALLY BONDED
JANTXV1N3595UR-1 MICROSEMI-JANTXV1N3595UR-1 Datasheet
73Kb / 2P
METALLURGICALLY BONDED
JANTX1N3595UR MICROSEMI-JANTX1N3595UR Datasheet
73Kb / 2P
METALLURGICALLY BONDED
JAN1N485B MICROSEMI-JAN1N485B Datasheet
41Kb / 1P
METALLURGICALLY BONDED
logo
M/A-COM Technology Solu...
1N4454 MA-COM-1N4454 Datasheet
550Kb / 3P
Metallurgically Bonded
1N4531UR MA-COM-1N4531UR Datasheet
456Kb / 3P
Metallurgically Bonded
logo
Microsemi Corporation
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com