Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87X Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F87X
Description  EEPROM Memory Programming Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87X Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F87X_02 Datasheet HTML 9Page - Microchip Technology PIC16F87X_02 Datasheet HTML 10Page - Microchip Technology PIC16F87X_02 Datasheet HTML 11Page - Microchip Technology PIC16F87X_02 Datasheet HTML 12Page - Microchip Technology PIC16F87X_02 Datasheet HTML 13Page - Microchip Technology PIC16F87X_02 Datasheet HTML 14Page - Microchip Technology PIC16F87X_02 Datasheet HTML 15Page - Microchip Technology PIC16F87X_02 Datasheet HTML 16Page - Microchip Technology PIC16F87X_02 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2002 Microchip Technology Inc.
DS39025F-page 13
PIC16F87X
REGISTER 3-1:
CONFIG: CONFIGURATION WORD FOR PIC16F873/874/876/877
(ADDRESS 2007h)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/P-1
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
CP1
CP0
RESV
—
WRT
CPD
LVP
BODEN
CP1
CP0
PWRTE
WDTE
F0SC1
F0SC0
bit 13
bit 0
bit 13-12
bit 5-4
CP1:CP0: FLASH Program Memory Code Protection bits(2)
4 K Devices:
11
= Code protection off
10
= 0F00h to 0FFFh code protected
01
= 0800h to 0FFFh code protected
00
= 0000h to 0FFFh code protected
8 K Devices:
11
= Code protection off
10
= 1F00h to 1FFFh code protected
01
= 1000h to 1FFFh code protected
00
= 0000h to 1FFFh code protected
bit 11
Reserved: Set to ‘1’ for normal operation
bit 10
Unimplemented: Read as ‘1’
bit 9
WRT: FLASH Program Memory Write Enable bit
1
= Unprotected program memory may be written to by EECON control
0
= Unprotected program memory may not be written to by EECON control
bit 8
CPD: Data EE Memory Code Protection bit
1
= Code protection off
0
= Data EE memory code protected
bit 7
LVP: Low Voltage ICSP Programming Enable bit
1
= RB3/PGM pin has PGM function, low voltage programming enabled
0
= RB3 is digital I/O, HV on MCLR must be used for programming
bit 6
BODEN: Brown-out Reset Enable bit(2)
1
= BOR enabled
0
= BOR disabled
bit 3
PWRTE: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 2
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
Note
1:
Enabling Brown-out Reset automatically enables Power-up Timer (PWRT), regardless of the value of
bit PWRTE. Ensure the Power-up Timer is enabled any time Brown-out Reset is enabled.
2: All of the CP1:CP0 pairs have to be given the same value to enable the code protection scheme listed.
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
- n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com