Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF1401 Datasheet(PDF) 26 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 21Page - STMicroelectronics RHF1401 Datasheet HTML 22Page - STMicroelectronics RHF1401 Datasheet HTML 23Page - STMicroelectronics RHF1401 Datasheet HTML 24Page - STMicroelectronics RHF1401 Datasheet HTML 25Page - STMicroelectronics RHF1401 Datasheet HTML 26Page - STMicroelectronics RHF1401 Datasheet HTML 27Page - STMicroelectronics RHF1401 Datasheet HTML 28Page - STMicroelectronics RHF1401 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Package information
RHF1401
26/29
9
Package information
Figure 26.
SO-48 package mechanical drawing
Table 11.
SO-48 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.18
2.47
2.72
0.086
0.097
0.107
b
0.20
0.254
0.30
0.008
0.010
0.012
c
0.12
0.15
0.18
0.005
0.006
0.007
D
15.57
15.75
15.92
0.613
0.620
0.627
E
9.52
9.65
9.78
0.375
0.380
0.385
E1
10.90
0.429
E2
6.22
6.35
6.48
0.245
0.250
0.255
E3
1.52
1.65
1.78
0.060
0.065
0.070
e
0.635
0.025
f
0.20
0.008
L
12.28
12.58
12.88
0.483
0.495
0.507
P
1.30
1.45
1.60
0.051
0.057
0.063
Q
0.66
0.79
0.92
0.026
0.031
0.036
S1
0.25
0.43
0.61
0.010
0.017
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com