Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S03A Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1S03A
Description  1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1S03A Datasheet HTML 2Page - STMicroelectronics ST1S03A Datasheet HTML 3Page - STMicroelectronics ST1S03A Datasheet HTML 4Page - STMicroelectronics ST1S03A Datasheet HTML 5Page - STMicroelectronics ST1S03A Datasheet HTML 6Page - STMicroelectronics ST1S03A Datasheet HTML 7Page - STMicroelectronics ST1S03A Datasheet HTML 8Page - STMicroelectronics ST1S03A Datasheet HTML 9Page - STMicroelectronics ST1S03A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
ST1S03A
6/14
4
Electrical characteristics
Table 4.
Electrical characteristics
(VIN_SW = VIN_A = VINH = 5V, CI = 4.7µF, CO = 22µF, L1 = 3.3µH, TJ = 0 to 125°C (unless
otherwise specified. Typical values are referred to 25°C)
Note: 1 Guaranteed by design, but not tested in production
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB
Feedback voltage
784
800
816
mV
IFB
VFB Pin bias current
600
nA
IQ
Quiescent current
VINH > 1.2V
1.5
mA
VINH < 0.4V
1µA
VINH
Inhibit threshold
Device ON
1.2
V
Device OFF
0.4
IO
Output current
VI = 2.7 to 5.5V
1.5
A
IO
Output current
VI = 2.7 to 5.5V
0.8
A
IMIN
Minimum output current
1
mA
%VO/ΔVI
Reference line regulation
VI = 2.7V to 5.5V
0.2
%VO/
ΔVI
%VO/ΔIO
Reference load regulation
IO = 10mA to 1.5A
0.2
%VO/
ΔIO
PWMfS
PWM Switching frequency
VFB = 0.8V, TA = 25°C Note: 1
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
87
%
ISW
Switching current limitation
2.5
A
VDS
Switch VDS
ISW = 800mA
200
mV
ν
Efficiency
IO = 10mA to 100mA, VO = 3.3V
70
%
IO = 100mA to 1.5A, VO = 3.3V
85
TSHDN
Thermal shutdown
Note: 1
130
150
°C
THYS
Thermal shutdown hysteresis
Note: 1
15
°C
%VO/ΔIO
Load transient response
IO = 100mA to 1.5A, TA = 25°C
tR = tF ≥ 100ns, Note: 1
-3
+3
%VO
%VO/ΔIO
@
IO=Short
Short circuit removal response
IO = 10mA to short, TA = 25°C
Note: 1
-10
+10
%VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com