Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV00913 Datasheet(PDF) 1 Page - Pro-Signal

Part # AV00913
Description  3.5mm Stereo Jack Extension Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

AV00913 Datasheet(HTML) 1 Page - Pro-Signal

  AV00913 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.5mm Stereo Jack Extension Leads
3.5mm stereo jack socket to plug
leads with coiled cable.
246435
Price Each
Length (Max.)
Order Code
1m
371-2424
4m
371-2308


Similar Part No. - AV00913

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AV00939 PROSIGNAL-AV00939 Datasheet
201Kb / 1P
Lead 6.35mm S Jack Plug to Plug
12/09/12 V1.0
AV00948 PROSIGNAL-AV00948 Datasheet
22Kb / 1P
S-Video ,4-Pin Mini Din Leads
AV00973 PROSIGNAL-AV00973 Datasheet
197Kb / 1P
Lead
V1.0 17/09/12
logo
Multicomp Pro
AV00987 MULTICOMP-AV00987 Datasheet
97Kb / 1P
Lead 2.5mm to 2.5mm Mono Plug
31/07/20
More results

Similar Description - AV00913

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-3525N CUI-SJ-3525N Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3525NG CUI-SJ-3525NG Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3543N CUI-SJ-3543N Datasheet
32Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3553NG CUI-SJ-3553NG Datasheet
36Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535NG CUI-SJ-3535NG Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com