Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

595400 Datasheet(PDF) 1 Page - Pro-Signal

Part # 595400
Description  BARCODE READER -70 mm USB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

595400 Datasheet(HTML) 1 Page - Pro-Signal

  595400 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B
BA
AR
RC
CO
OD
DE
E R
RE
EA
AD
DE
ER
R --7
70
0 m
mm
m U
US
SB
B
R
RE
EF
F.. 5
59
95
54
40
00
0
Those specifications can change without notice.
Created date 02/01/2010
MAIN FEATURES
CCD barcode scanner, ideal for intensive use!
High quality sensor, allowing you to read the poor quality
barcodes (damaged, reversed, sent by fax..)
- CCD sensor
- Protection of reading window
- Can read the followings: EAN-8, EAN-13, UPC-A, UPC-E, CODE
11 UCC/EAN, CODE 39, CODE 32, CODE 128,
MSI / PLESSEY, I ndustrial-25, I nterleaved-25, Martix-25, China
Post-25, Codabar/Nw7
- Window width: 70 mm/ reading width: 80 mm
- Maximum operation distance: 20 mm
- Speed: 100 scan/ second
- Easy handling
- USB connection
- Weight: 155 g
595400
OTHER FEATURES
Warranty : 1AN
Gencod : 3524890595400
Country of Origin : TW
Customs nomenclature :
84718000
Unit : PCS
Units per parcel : 0020
Gross weight : 0,33 Kg
Net weight : 0,23 Kg
Volume : 2012,50 cm3
OTHER VIEWS
Picture non available
Picture non available
Picture non available
Picture non available


Similar Part No. - 595400

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5954 ALPHAWIRE-5954 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
logo
List of Unclassifed Man...
5954MTH1R ETC2-5954MTH1R Datasheet
529Kb / 22P
THE WIDEST RANGE IN MINIATURE SWITCHES
More results

Similar Description - 595400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
USB Smart Card Reader Controller
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
USB Smart Card Reader Controller
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
USB Smart Card Reader
logo
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
USB NFC integrated reader solution
Rev. 3.6-27 October 2014
logo
Advantech Co., Ltd.
UTC-510P-B ADVANTECH-UTC-510P-B Datasheet
417Kb / 1P
Barcode Reader for UTC-510 Series
15-Apr-2016
logo
SparkFun Electronics
COM-13004 SPARKFUN-COM-13004 Datasheet
112Kb / 1P
microSD USB Reader
8/3/2016
logo
IOGEAR
GSR202 IOGEAR-GSR202 Datasheet
155Kb / 3P
USB CAC Reader (TAA compliant)
logo
SparkFun Electronics
SEN-09963 SPARKFUN-SEN-09963 Datasheet
129Kb / 1P
SparkFun RFID USB Reader
6??0??7
logo
Advantech Co., Ltd.
UTC-542P-B ADVANTECH-UTC-542P-B Datasheet
431Kb / 1P
Barcode Reader for UTC-542 Series
29-Nov-2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com