Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S800 Datasheet(PDF) 2 Page - Pro-Power

Part # S800
Description  PREPAID CARD TIMER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

S800 Datasheet(HTML) 2 Page - Pro-Power

  S800 Datasheet HTML 1Page - Pro-Power S800 Datasheet HTML 2Page - Pro-Power S800 Datasheet HTML 3Page - Pro-Power S800 Datasheet HTML 4Page - Pro-Power S800 Datasheet HTML 5Page - Pro-Power S800 Datasheet HTML 6Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S800
PREPAID CARD TIMER
Page 2
26/05/06 V1.0
Case Construction:
Heavy-duty robust case, with integral terminal block, high quality phenolic moulding to a maximum thickness of 6.2mm, the case
construction and design has very high insulating properties, and is suitable for tropical conditions as non-hygroscopic and comply with
the flame test given in ISO EN 5685 Appendix B (clause 5.6). Security tamperproof design, with security seal fittings, rear of case
access only.
Terminal Block:
Nickel plated brass terminals, are fitted for main terminals, the terminal cover is of a tamperproof construction and design, with a
security lip fitting into the main meter case, and star constructed fixing for sealing with a 6.5mm screw head fitting.
Glass Front Viewing Panel:
99mm wide x 77mm high, held in place with two corner clips and adhesive compound approved within the company’s strict
environmental policy. Complies with EN61010 installation category 11 Pollution degree 2.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com