Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN663 Datasheet(PDF) 9 Page - Microchip Technology

Part # AN663
Description  USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN663 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AN663 Datasheet HTML 5Page - Microchip Technology AN663 Datasheet HTML 6Page - Microchip Technology AN663 Datasheet HTML 7Page - Microchip Technology AN663 Datasheet HTML 8Page - Microchip Technology AN663 Datasheet HTML 9Page - Microchip Technology AN663 Datasheet HTML 10Page - Microchip Technology AN663 Datasheet HTML 11Page - Microchip Technology AN663 Datasheet HTML 12Page - Microchip Technology AN663 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ã 1997 Microchip Technology Inc.
DS00665A-page 9
AN665
00115 ;*
short delay functions N us
00116 ;*
00117 ;*
Input Variables:
00118 ;*
none
00119 ;*
Output Variables:
00120 ;*
none
00121 ;**********************************************************************
00122 ;
0013 0000
00123 SubDelay10
nop
0014 0000
00124 SubDelay9
nop
0015 0000
00125 SubDelay8
nop
0016 0000
00126 SubDelay7
nop
0017 0000
00127 SubDelay6
nop
0018 0000
00128 SubDelay5
nop
0019 0800
00129 SubDelay4
retlw
0
; 2 call + N nop + 2 retlw
00130
00131 ;**********************************************************************
00132 ;*
Wait10ms
00133 ;*
waits for approx 10ms
00134 ;*
00135 ;*
Input Variables:
00136 ;*
none
00137 ;*
Output Variables:
00138 ;*
none
00139 ;**********************************************************************
00140 ;
001A
00141 Wait10ms
001A 0C0F
00142
movlw
.15
; 15 * .7ms ~= 10ms@4MHz
001B
00143 WaitWx750
001B 0031
00144
movwf
TIMEHI
001C
00145 WaitHi
001C 0072
00146
clrf
TIMELO
; 256 * 3us ~= 750us@4MHz
001D
00147 WaitLo
001D 02F2
00148
decfsz
TIMELO,F
001E 0A1D
00149
goto
WaitLo
001F 02F1
00150
decfsz
TIMEHI,F
0020 0A1C
00151
goto
WaitHi
0021 0800
00152
retlw
0
00153
00154 ;**********************************************************************
00155 ;*
SendBit
00156 ;*
sends a bit in AT keyboard protocol
00157 ;*
00158 ;*
Input Variables:
00159 ;*
STATUS,C
00160 ;*
Output Variables:
00161 ;*
none
00162 ;**********************************************************************
00163 ;
0022
00164 SendBit
0022 0066
00165
clrf
GPIO
; disable kb and clear out buffers
0023 0CF9
00166
movlw
MASKLOW
; DATA low prepare
0024 0603
00167
btfsc
STATUS,C
0025 0CFB
00168
movlw
MASKHIGH
; DATA high prepare
0026 0036
00169
movwf
GPIOTEMP
; save value
0027 0006
00170
tris
GPIO
00171
0028 0C0E
00172
movlw
.14
0029 0032
00173
movwf
TIMELO
002A
00174 SBitT
002A 02F2
00175
decfsz
TIMELO,F
; 45us loop (data stable)
002B 0A2A
00176
goto
SBitT
00177
002C 0416
00178
bcf
GPIOTEMP,PCCLK
; clk fall
002D 0216
00179
movf
GPIOTEMP,W
002E 0006
00180
tris
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com