Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV321RILT Datasheet(PDF) 6 Page - Texas Instruments

Part # TSV321RILT
Description  General purpose input/output rail-to-rail low power operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSV321RILT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSV321RILT Datasheet HTML 2Page - Texas Instruments TSV321RILT Datasheet HTML 3Page - Texas Instruments TSV321RILT Datasheet HTML 4Page - Texas Instruments TSV321RILT Datasheet HTML 5Page - Texas Instruments TSV321RILT Datasheet HTML 6Page - Texas Instruments TSV321RILT Datasheet HTML 7Page - Texas Instruments TSV321RILT Datasheet HTML 8Page - Texas Instruments TSV321RILT Datasheet HTML 9Page - Texas Instruments TSV321RILT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
TSV321-TSV358-TSV324
6/17
Figure 1.
Supply current/amplifier vs. supply
voltage
Figure 2.
Supply current/amplifier vs.
temperature
02
46
8
Supply Voltage (V)
0
100
200
300
400
500
600
Tamb = 25°C
02
46
8
Supply Voltage (V)
0
100
200
300
400
500
600
Tamb = 25°C
-40
-20
0
204060
80
100
120
140
Temperature (°C)
250
300
350
400
450
500
550
Vcc = 5V
Vcc = 3V
-40
-20
0
204060
80
100
120
140
Temperature (°C)
250
300
350
400
450
500
550
Vcc = 5V
Vcc = 3V
Figure 3.
Output power vs. supply voltage
Figure 4.
Input offset voltage drift vs.
temperature
123
45
6
Supply Voltage (V)
0
10
20
30
40
50
60
10% distortion
1% distortion
0.1% distortion
RL = 32 ohms
123
45
6
Supply Voltage (V)
0
10
20
30
40
50
60
10% distortion
1% distortion
0.1% distortion
RL = 32 ohms
-40
-20
0
204060
80
100
120
140
Temperature (°C)
-150
-100
-50
0
50
100
150
200
Vcc = 3V
Vcc = 5V
-40
-20
0
204060
80
100
120
140
Temperature (°C)
-150
-100
-50
0
50
100
150
200
Vcc = 3V
Vcc = 5V
Figure 5.
Input bias current vs. temperature
Figure 6.
Open loop gain vs. temperature at
VCC =5V
-40 -20
0
20
40 60
80 100
120 140
Temperature (°C)
-40.0
-30.0
-20.0
-10.0
0.0
10.0
Vcc = 3V
Vicm = 1.5V
-40 -20
0
20
40 60
80 100
120 140
Temperature (°C)
-40.0
-30.0
-20.0
-10.0
0.0
10.0
Vcc = 3V
Vicm = 1.5V
-40
-20
0
20
406080
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 5V
Vicm = 2.5V
RL = 600 ohms
RL = 2 kOhms
-40
-20
0
20
406080
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 5V
Vicm = 2.5V
RL = 600 ohms
RL = 2 kOhms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com