Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP64/5/RED Datasheet(PDF) 1 Page - Pro-Power

Part # SP64/5/RED
Description  SP Series Heat Shrink Tubing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

SP64/5/RED Datasheet(HTML) 1 Page - Pro-Power

  SP64/5/RED Datasheet HTML 1Page - Pro-Power SP64/5/RED Datasheet HTML 2Page - Pro-Power SP64/5/RED Datasheet HTML 3Page - Pro-Power SP64/5/RED Datasheet HTML 4Page - Pro-Power SP64/5/RED Datasheet HTML 5Page - Pro-Power SP64/5/RED Datasheet HTML 6Page - Pro-Power SP64/5/RED Datasheet HTML 7Page - Pro-Power SP64/5/RED Datasheet HTML 8Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SP Series
Heat Shrink Tubing
Page 1
18/04/06 V1.0
Features:
• Shrink ratio 2:1.
• Operating temperature range -55°C to 135°C.
• Shrink temperature 100°C.
• Suitable for general use on high quality equipment.
• Flexible general purpose heat shrinkable polyolefin
tubing.
Black
Blue
Yellow
Red
Green Yellow


Similar Part No. - SP64/5/RED

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
SP64/5/RED MULTICOMP-SP64/5/RED Datasheet
191Kb / 3P
Heat Shrinks
19/03/21 V1.0
More results

Similar Description - SP64/5/RED

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
logo
List of Unclassifed Man...
PP2258 ETC2-PP2258 Datasheet
271Kb / 4P
Heat Shrink Tubing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com