| Electronic Components Datasheet Search |
|
WM8951LGEFL/R Datasheet(PDF) 21 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8951LGEFL/R Datasheet(HTML) 21 Page - Wolfson Microelectronics plc |
|
21 / 42 page ![]() Production Data WM8951 w PD Rev 4.1 December 2007 21 XTI/MCLK XTO DGND DGND Cp Cp Figure 16 Crystal Oscillator Application Circuit The WM8951L crystal oscillator provides an extremely low jitter clock source. Low jitter clocks are a requirement for high quality audio ADCs, regardless of the converter architecture. The WM8951L architecture is less susceptible than most converter techniques but still requires clocks with less than approximately 1ns of jitter to maintain performance. In applications where there is more than one source for the master clock, it is recommended that the clock is generated by the WM8951L to minimise such problems. CLOCKOUT The Core Clock is internally buffered and made available externally to the audio system on the CLKOUT output pin. CLKOUT provides a replication of the Core Clock, but buffered as suitable for driving external loads. There is no phase inversion between XTI/MCLK, the Core Clock and CLOCKOUT but there will inevitably be some delay. The delay will be dependent on the load that CLOCKOUT drives. Refer to Electrical Characteristics. CLKOUT can also be divided by 2 under software control, refer to Table 8. Note that if CLKOUT is not required then the CLKOUT buffer on the WM8951L can be safely powered down to conserve power (see POWER DOWN section). If the system architect has the choice between using FCLKOUT = FMCLK or FCLKOUT = FMCLK/2 in the interface, the latter is recommended to conserve power. When the divide by two is selected CLKOUT changes on the rising edge of MCLK. Please refer to Electrical Characteristics for timing information. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 0001000 Sampling Control 7 CLKODIV2 0 CLKOUT divider select 1 = CLOCKOUT is Core Clock divided by 2 0 = CLOCKOUT is Core Clock Table 8 Programming CLKOUT CLKOUT is disabled and set low whenever the device is in reset. DIGITAL AUDIO INTERFACES WM8951L may be operated in either one of the 4 offered audio interface modes. These are: • Right justified • Left justified • I2S • DSP mode All four of these modes are MSB first and operate with data 16 to 32 bits. Note that 32 bit data is not supported in right justified mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |