Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCG-H9RN Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # LCG-H9RN
Description  OSRAM OSTAR® Projection Cube
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCG-H9RN Datasheet(HTML) 3 Page - ams-OSRAM AG

  LCG-H9RN Datasheet HTML 1Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 2Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 3Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 4Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 5Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 6Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 7Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 8Page - ams-OSRAM AG LCG-H9RN Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LCG H9RN
3 Version 1.6 | 2020-06-03
Characteristics
I
F = 700 mA; TS = 25 °C
Parameter
Symbol
Values
Chromaticity Coordinate 3)
acc. to CIE 1931 within λ = 500 ... 600 nm
Cx
Cy
typ.
typ.
0.318
0.642
Viewing angle at 50% I
V
2φ
typ.
120 °
Radiating surface
A
color
typ.
0.98 x 0.98
mm²
Partial Flux acc. CIE 127:2007 4)
I
F = 700 mA
Φ
E/V, 120°
typ.
0.77
Forward Voltage 5)
I
F = 700 mA
V
F
min.
typ.
max.
2.60 V
2.97 V
3.40 V
Reverse voltage (ESD device)
V
R ESD
min.
45 V
Reverse voltage 2)
I
R = 20 mA
V
R
max.
1.2 V
Real thermal resistance junction/solderpoint 6)
R
thJS real
typ.
max.
5.3 K / W
6.4 K / W
Electrical thermal resistance junction/solderpoint 6)
with efficiency η
e = 28 %
R
thJS elec.
typ.
max.
3.8 K / W
4.6 K / W
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 4)
I
F = 700 mA
I
F = 700 mA
I
F = 700 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
MZ
240 lm
280 lm
90 cd
NX
280 lm
330 lm
100 cd
NY
330 lm
390 lm
120 cd
NZ
390 lm
450 lm
140 cd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com