Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-A-P1MR Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LE-A-P1MR
Description  OSRAM OSTAR® Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-A-P1MR Datasheet(HTML) 5 Page - ams-OSRAM AG

  LE-A-P1MR Datasheet HTML 1Page - ams-OSRAM AG LE-A-P1MR Datasheet HTML 2Page - ams-OSRAM AG LE-A-P1MR Datasheet HTML 3Page - ams-OSRAM AG LE-A-P1MR Datasheet HTML 4Page - ams-OSRAM AG LE-A-P1MR Datasheet HTML 5Page - ams-OSRAM AG LE-A-P1MR Datasheet HTML 6Page - ams-OSRAM AG LE-A-P1MR Datasheet HTML 7Page - ams-OSRAM AG LE-A-P1MR Datasheet HTML 8Page - ams-OSRAM AG LE-A-P1MR Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LE A P1MR
DATASHEET
DATASHEET
5 | Version 1.1 | 2022-08-17
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 8000 mA
I
F = 8000 mA
min.
max.
Φ
V
Φ
V
SS
2240 lm
2400 lm
ST
2400 lm
2590 lm
SU
2590 lm
2800 lm
TP
2800 lm
3040 lm
TQ
3040 lm
3300 lm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
2
612 nm
618 nm
Group Name on Label
Example: SS-2
Brightness
Wavelength
SS
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com