Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCM1885C2A7R9DA16 Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd

Part # GCM1885C2A7R9DA16
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GCM1885C2A7R9DA16 Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd

Back Button GCM1885C2A7R9DA16 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd GCM1885C2A7R9DA16 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd GCM1885C2A7R9DA16 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd GCM1885C2A7R9DA16 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd GCM1885C2A7R9DA16 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd GCM1885C2A7R9DA16 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd GCM1885C2A7R9DA16 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd GCM1885C2A7R9DA16 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd GCM1885C2A7R9DA16 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
7. Printed Circuit Board Cropping
1. After mounting a capacitor on a printed circuit board, do not apply any stress to the capacitor that caused bending or twisting the board.
 
1-1. In cropping the board, the stress as shown may cause the capacitor to crack. Cracked capacitors may cause deterioration of the insulation resistance, and result in a short.
Avoid this type of stress to a capacitor.
[ Bending ]
2. Check the cropping method for the printed circuit board in advance.
2-1. Printed circuit board cropping shall be carried out by using a jig or an apparatus (Disc separator, router type separator, etc.) to prevent the mechanical stress that can occur to the board.
* When a board separation jig or disc separator is used, if the following precautions are not observed, a large board deflection stress will occur and the capacitors may crack.
 
Use router type separator if at all possible.
(1) Example of a suitable jig
[ In the case of Single-side Mounting ]
An outline of the board separation jig is shown as follows.
Recommended example: Stress on the component mounting position can be minimized by holding the portion close to the jig, and bend in the direction towards the side where the capacitors are mounted.
Not recommended example: The risk of cracks occurring in the capacitors increases due to large stress being applied to the component mounting position, if the portion away from the jig is held and bent in the
direction opposite the side where the capacitors are mounted.
[ Outline of jig ]
[ Hand Separation ]
[ In the case of Double-sided Mounting ]
Since components are mounted on both sides of the board, the risk of cracks occurring can not be avoided with the above method. Therefore, implement the following measures to prevent stress from being applied to the components.
(Measures)
(1) Consider introducing a router type separator. If it is difficult to introduce a router type separator, implement the following measures. (Refer to item 1. Mounting Position)
(2) Mount the components parallel to the board separation surface.
(3) When mounting components near the board separation point, add slits in the separation position near the component.
(4) Keep the mounting position of the components away from the board separation point.
Recommended
Not recommended
Notes
Hand and nipper
separation apply a high
level of stress.
Use another method.
· Board handling
· Board bending direction
· Layout of capacitors
· Board handling
· Layout of slits
· Design of V groove
· Arrangement of blades
· Controlling blade life
Board handling
Recommended
×
△
*
△
*
◯
Level of stress on board
High
Medium
Medium
Low
[ Twisting ]
Board Separation Method
Hand Separation
Nipper Separation
(1) Board Separation Jig
Board Separation Apparatus
(2) Disc Separator
(3) Router Type Separator
GCM1885C2A7R9DA16-01A
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com