Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X1B1.. Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2E-X1B1..
Description  Short Barrel Inductive Prox
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X1B1.. Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2E-X1B1.. Datasheet HTML 1Page - Omron Electronics LLC E2E-X1B1.. Datasheet HTML 2Page - Omron Electronics LLC E2E-X1B1.. Datasheet HTML 3Page - Omron Electronics LLC E2E-X1B1.. Datasheet HTML 4Page - Omron Electronics LLC E2E-X1B1.. Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
E2E 3-Wire DC
E2E 3-Wire DC
5
Specifications
J
MINIATURE SENSORS
Part number
E2E-CR8jj
E2E-X1jj
E2E-C1jj
Size
4 mm (0.16 in) dia.
M5
5.5 mm (0.21 in) dia.
Type
Shielded
Sensing distance
0.8 mm (0.03 in) ± 15%
1 mm (0.04 in) ± 15%
Supply voltage
10 to 30 VDC, 10% max. permissible ripple peak to peak
Current consumption
17 mA max.
Sensing object
Magnetic metals
Setting distance
0to0.5 mm (0 to 0.02 in)
0to7mm(0to0.03in)
Standard object
(mild steel, L xW xH)
5x 5x 1mm(0.2x 0.2x 0.04 in)
8x 8x 1mm(0.3x 0.3x 0.04 in)
Differential travel
15% max. of effective distance
Response frequency
3kHz
Control
output
Operation
C1 models: NPN-NO open collector
C2 models: NPN-NC open collector
B1 models: PNP-NO open collector
B1 models: PNP-NC open collector
Max. load
100 mA switching capacity
Max.
on-state
voltage
drop
2VDC
Circuit protection
DC power supply reverse polarity
Indicators
Operation indicator (red LED)
Ambient
temperature
Operating
--25°Cto 70°C(--13°F to 158°F) with no icing
Ambient
humidity
Operating
35% to 95%
Vibration resistance
10 to 55 Hz, 1.5 mm (0.06 in) double amplitude
Shock resistance
Approx. 50 G’s
Enclosure
UL
—
rating
NEMA
1, 3, 4, 6, 12, 13
IEC 144
IP67
Weight with cable
Approx. 30 g (1.1 oz.)
Materials
Housing
Stainless steel
Nickel-plated brass
Nickel-plated brass
Sensing
face
Plastic PBT
Cable
sheath
Polyvinyl chloride



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com