Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NS-2DF Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D4NS-2DF
Description  Safety-door Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NS-2DF Datasheet(HTML) 1 Page - Omron Electronics LLC

  D4NS-2DF Datasheet HTML 1Page - Omron Electronics LLC D4NS-2DF Datasheet HTML 2Page - Omron Electronics LLC D4NS-2DF Datasheet HTML 3Page - Omron Electronics LLC D4NS-2DF Datasheet HTML 4Page - Omron Electronics LLC D4NS-2DF Datasheet HTML 5Page - Omron Electronics LLC D4NS-2DF Datasheet HTML 6Page - Omron Electronics LLC D4NS-2DF Datasheet HTML 7Page - Omron Electronics LLC D4NS-2DF Datasheet HTML 8Page - Omron Electronics LLC D4NS-2DF Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
CSM_D4NS_D4NS-SK_DS_E_9_1
Safety-door Switch
D4NS/D4NS-SK
Multi-contact, Labor-saving,
Environment-friendly, Next-
generation Safety-door Switch
• Lineup includes three contact models with 2NC/1NO
and 3NC contact forms and MBB models in addition
to the previous contact forms 1NC/1NO, and 2NC.
• M12-connector models are available, saving on
labor and simplifying replacement.
• Standardized gold-clad contacts provide high
contact reliability.
Applicable to both standard loads and microloads.
• Variety of metallic heads available.
Model Number Structure
Model Number Legend
Switch (Standard type)
1. Conduit/Connector size
1:Pg13.5 (1-conduit)
2:G1/2 (1-conduit)
4:M20 (1-conduit)
6:G1/2 (2-conduit)
8:M20 (2-conduit)
9:M12 connector (1-conduit)
2. Built-in Switch
A:1NC/1NO (slow-action)
B:2NC (slow-action)
C:2NC/1NO (slow-action)
D:3NC (slow-action)
E:1NC/1NO (MBB contact)
F:2NC/1NO (MBB contact)
3. Head Mounting Direction
F:Four mounting directions possible (Front-side mounting at
shipping)/plastic
D:Four mounting directions possible (Front-side mounting at
shipping)/metal
Note: An order for the head part or the switch part alone cannot be
accepted. (The Operation Key is sold separately.)
Switch (High pull-force type)
1. Conduit size
2:G1/2 (1-conduit)
4:M20 (1-conduit)
2. Built-in Switch
A:1NC/1NO (slow-action)
B:2NC (slow-action)
C:2NC/1NO (slow-action)
D:3NC (slow-action)
Operation Key
1. Operation Key Type
1:Horizontal mounting
2:Vertical mounting
3:Adjustable mounting (Horizontal)
5:Adjustable mounting (Horizontal/Vertical)
Be sure to read the “Safety Precautions” on page 12.
Slide Keys
Safety Door Switchs
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
12 3
D4NS-
@@@
1 2
D4NS-
@@F-SJ
1
D4DS-K
@


Similar Part No. - D4NS-2DF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NS-2DF OMRON-D4NS-2DF Datasheet
2Mb / 12P
Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
D4NS-2DF OMRON-D4NS-2DF Datasheet
3Mb / 16P
Safety-door Switch
2017.1
D4NS-2DF-SJ OMRON-D4NS-2DF-SJ Datasheet
2Mb / 12P
Multi-contact, Labor-saving, Environment-friendly, Next-generation Safety-door Switch
D4NS-2DF-SJ OMRON-D4NS-2DF-SJ Datasheet
3Mb / 16P
Safety-door Switch
2017.1
More results

Similar Description - D4NS-2DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
Guard Lock Safety-door Switch
D4BS OMRON-D4BS Datasheet
207Kb / 9P
Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
Door Interlock Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
Miniature Door Switch
D4NL OMRON-D4NL Datasheet
2Mb / 18P
Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
EK SERIES SAFETY DOOR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com