Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3H2-R2B4M-N 2M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3H2-R2B4M-N 2M
Description  Miniature photoelectric sensors in cylindrical M8 and M12 housing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3H2-R2B4M-N 2M Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3H2-R2B4M-N 2M Datasheet HTML 1Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 2Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 3Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 4Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 5Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 6Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 7Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 8Page - Omron Electronics LLC E3H2-R2B4M-N 2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Miniature Photoelectric Sensors
Accessories
Reflectors
Sensor I/O connectors
Note: For the complete list of sensor I/O connectors refer to E26E Accessories datasheet.
Shape
Type
Material
Features
Size in mm
Applicable Sensor
Order code
General purpose
reflectors
-ABS base
- Acrylic
surface
Surface screw
mounting
(diagonal holes)
60x40x7.5
- Retro-reflective photo-
electric sensors – non
polarizing
- Retro-reflective photo-
electric sensors – po-
larizing (MSR)
E39-R1S
Small size
Surface screw
mounting
23x13.7x4.9
E39-R4
Simple mounting
Round shape
with centered
mounting hole
for simple screw
mounting
Diameter: 84
Depth: 7.4
E39-R7
General purpose
tape reflectors
- Acrylic
Self adhesive
Pre cut
40x35x0.6
E39-RS2
Size
Shape
Type
Features
Material
Order code
Nut
Cable
M8
General pur-
pose
(screw)
3 pin (LED
optionally)
Brass (CuZn)
PVC 2 m
PUR 2 m
XS3F-M08PVC3S2M
XS3F-M08PUR3S2M
XS3F-M08PVC3A2M
XS3F-M08PUR3A2M
M12
General pur-
pose
(screw)
3 wire (LED
optionally)
Brass (CuZn)
PVC 2 m
PUR 2 m
XS2F-M12PVC3S2M
XS2F-M12PUR3S2M
XS2F-M12PVC3A2M
XS2F-M12PUR3A2M
4 wire
PVC 2 m
PUR 2 m
XS2F-M12PVC4S2M
XS2F-M12PUR4S2M
XS2F-M12PVC4A2M
XS2F-M12PUR4A2M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com