Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ-SC2M Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # FZ-SC2M
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC2M Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button FZ-SC2M Datasheet HTML 12Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 13Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 14Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 15Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 16Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 17Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 18Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 19Page - Omron Electronics LLC FZ-SC2M Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
16
Design interface for quick setup
Integrated development environment Sysmac Studio
Sysmac Studio is a unique environment that integrates logic, motion and drives, robotics, safety, visualization,
and information technologies in a single project, thus reducing the learning curve and the intra-operative software costs.
Advanced machine
control can be easily
achieved.
EtherCAT® for high-speed data transfer to control various devices
You can use EtherCAT® to connect NJ/NX Machine Automation Controllers and 1S/G5 AC Servo System
to increase the control speed of everyday communications protocols from position detection to starting axis motion.
Trigger input
Measurement results
Data communications
cycle: 125 μs
Implementation
Design
Reusable code reduces development
time.
Reduced
to
1/32
Shortened
by approx.
6ms
EtherCAT
Conventional
communications
standard
Time from trigger input to producing measurement results
Note: The times given above are typical times. They depend on parameter settings.
Communications cycle
0.125 ms
4 ms
Verification
Simulation and tracing can be
performed based on information
obtained from the vision system.
NJ/NX/NY
Machine Automation
Controller
1S/G5
AC servo system
NX-IO
Encoder
MX2
Inverter
Integrated development environment
Sysmac Studio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com