Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZ-SC Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # FZ-SC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SC Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button FZ-SC Datasheet HTML 16Page - Omron Electronics LLC FZ-SC Datasheet HTML 17Page - Omron Electronics LLC FZ-SC Datasheet HTML 18Page - Omron Electronics LLC FZ-SC Datasheet HTML 19Page - Omron Electronics LLC FZ-SC Datasheet HTML 20Page - Omron Electronics LLC FZ-SC Datasheet HTML 21Page - Omron Electronics LLC FZ-SC Datasheet HTML 22Page - Omron Electronics LLC FZ-SC Datasheet HTML 23Page - Omron Electronics LLC FZ-SC Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
FH-Series
20
Ordering Information
FH Series Sensor Controllers
*1 Optional FH-UMAI1 Scratch Detect AI Software Installer is required.
*2 Use in conjunction with 0.3 or 0.4 million-pixel cameras.
Optional Products (Sold Separately)
* This product can be installed on the FH-5
@50-series Controller (version 6.40 or later).
Cameras
Item
CPU
AI function
No. of
cameras
Output
Model
AI Scratch
Detect Filter *1
AI FineMatching
High-speed,
Large-capacity
Controller
Intel® CoreTM i7
processor 4 cores
Available
Available
2NPN/PNP
FH-5550
4NPN/PNP
FH-5550-10
8NPN/PNP
FH-5550-20
High-speed Controller
Intel® CoreTM i7
processor 4 cores
Available
Available
2NPN/PNP
FH-5050
4NPN/PNP
FH-5050-10
8NPN/PNP
FH-5050-20
Standard Controller
Intel® Celeron®
processor 2 cores
Not available
Available
2NPN/PNP
FH-2050
4NPN/PNP
FH-2050-10
8NPN/PNP
FH-2050-20
Box-type controllers
Intel® Atom®
processor 2 cores
Not available
Available *2
2NPN/PNP
FH-L551
4NPN/PNP
FH-L551-10
Item
Model
Scratch Detect AI Software Installer *
FH-UMAI1
Item
Lens mount
Descriptions
Color /
Monochrome
Image Acquisition
Time *1
Model
Digital CMOS Cameras
(Lens required)
C mount
20.4 million pixels
(Supported controller:
FH-5
@50(-@)/2050(-@) Series) *2
Color
42.6 ms *3
FH-SC21R
Monochrome
FH-SM21R
High-speed Digital
CMOS Cameras
(Lens required)
C mount
12 million pixels *2
Color
24.9 ms *3
FH-SCX12
Monochrome
FH-SMX12
5 million pixels
Color
10.3 ms *3
FH-SCX05
Monochrome
FH-SMX05
3.2 million pixels
Color
6.6 ms *3
FH-SCX03
Monochrome
FH-SMX03
1.6 million pixels
Color
6.5 ms
FH-SCX01
Monochrome
FH-SMX01
0.4 million pixels
Color
1.9ms
FH-SCX
Monochrome
FH-SMX
High-speed Digital
CMOS Cameras
(Lens required)
M42 mount
12 million pixels *2
Color
25.7 ms *3
FH-SC12
Monochrome
FH-SM12
High-speed Digital
CMOS Cameras
(Lens required)
C mount
4 million pixels
Color
8.5 ms *3
FH-SC04
Monochrome
FH-SM04
2 million pixels
Color
4.6 ms *3
FH-SC02
Monochrome
FH-SM02
0.3 million pixels
Color
3.3 ms
FH-SC
Monochrome
FH-SM
Digital CMOS Cameras
(Lens required)
C mount
5 million pixels
Color
71.7ms
FH-SC05R
Monochrome
FH-SM05R
5 million pixels
Color
38.2 ms
FZ-SC5M3
Monochrome
FZ-S5M3
Digital CCD Cameras
(Lens required)
C mount
2 million pixels
Color
33.3 ms
FZ-SC2M
Monochrome
FZ-S2M
0.3 million pixels
Color
12.5 ms
FZ-SC
Monochrome
FZ-S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com