Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32-R16 5M Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E32-R16 5M
Description  Smart Fiber Amplifier Unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 5M Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E32-R16 5M Datasheet HTML 4Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 5Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 6Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 7Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 8Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 9Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 10Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 11Page - Omron Electronics LLC E32-R16 5M Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
E3X-HD
8
I/O Circuit Diagrams
NPN Output
PNP Output
Note: Timing Charts for Timer Settings (T: Set Time)
Plug (Sensor I/O Connector)
Nomenclature
Models
Operation
mode
Timing chart
L/D
indicators
Output circuit
E3X-HD11
E3X-HD6
E3X-HD14
Light-ON
Dark-ON
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue and
black leads)
L lit.
Photoelectric
Sensor main
circuit
Load
Brown
Control output
Black
Blue
12 to
24 VDC
OUT indicator (orange)
Display
• M8 Connector Pin Arrangement
Note: Pin 2 is not used.
1
2
4
3
1
4
3
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue and
black leads)
lit.
D
Models
Operation
mode
Timing chart
L/D
indicators
Output circuit
E3X-HD41
E3X-HD8
E3X-HD44
Light-ON
Dark-ON
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue and
black leads)
L lit.
Photoelectric
Sensor main
circuit
Load
Control output
Brown
Black
Blue
12 to
24 VDC
OUT indicator (orange)
Display
• M8 Connector Pin Arrangement
Note: Pin 2 is not used.
1
2
4
3
1
4
3
Incident light
No incident light
Lit
Not lit
ON
OFF
Set
Reset
OUT indicator
(orange)
Output
transistor
Load
(e.g., relay)
(Between blue and
black leads)
lit.
D
ON delay
OFF delay
One-shot
Incident light
No incident light
ON
OFF
ON
OFF
Light-ON
Dark-ON
T
T
T
T
Incident light
No incident light
ON
OFF
ON
OFF
Light-ON
Dark-ON
T
T
Incident light
No incident light
ON
OFF
ON
OFF
Light-ON
Dark-ON
Note: Pin 2 is not used.
Wire color
Connection pin
Application
Brown
1
Power supply (+V)
White
2
---
Blue
3
Power supply (0 V)
Black
4
Output
2
4
1
3
1
2
3
4
Brown
White
Blue
Black
Wire color
Terminal number
XS3F-M421-402-A
XS3F-M421-405-A
XS3F-M422-402-A
XS3F-M422-405-A
[L/D Indicator]
Indicates the setting status:
Light-ON (L) or Dark-ON (D).
[DPC Indicator]
Turns ON when Dynamic Power Control is effective.
[
L/D Button]
Use to switch between
Light-ON (L) and Dark-ON (D).
[OUT Indicator]
Turns ON when
the output is ON.
[ST Indicator]
Turns ON when Smart Tuning
is in progress.
Automatically sets the emitter
power and set values.
Threshold Level
Green digital display
Incident Level
Red digital display
[
+−UP/DOWN Button]
Used to fine-tune the threshold
or change set values.
[
MODE Button]
Use to switch between Detection
Mode and Setting Mode.
[
TUNE Button]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com