Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F39-LP Datasheet(PDF) 130 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 130 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 126Page - Omron Electronics LLC F39-LP Datasheet HTML 127Page - Omron Electronics LLC F39-LP Datasheet HTML 128Page - Omron Electronics LLC F39-LP Datasheet HTML 129Page - Omron Electronics LLC F39-LP Datasheet HTML 130Page - Omron Electronics LLC F39-LP Datasheet HTML 131Page - Omron Electronics LLC F39-LP Datasheet HTML 132Page - Omron Electronics LLC F39-LP Datasheet HTML 133Page - Omron Electronics LLC F39-LP Datasheet HTML 134Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 164 page
background image
F3SG-RA-02TS
130
Indicator
Emitter
Receiver
Note: TOP, CFG, LOCKOUT, STB and ON/OFF indicators are illuminated when the receiver of the F3SG-RA-02TS is in Setting mode.
* The EDM indicator is illuminated when the EDM input is in the ON state regardless of the use of the EDM function.
Interface Unit
Lamp
Name of Indicator
Color
Illuminated
Blinking
Test
TEST
Green
−
External Test is being performed
Operating range
LONG
Green
Always illuminated
Lockout state due to Scan code setting error
Power
POWER
Green
Power is ON.
Error due to noise
Lockout
LOCKOUT
Red
−
Lockout state due to error in emitter
Name of Indicator
Color
Illuminated
Blinking
Top-beam-state
TOP
Blue
The top beam is unblocked
Lockout state due to Cap error or
Other sensor error
PNP/NPN mode
NPN
Green
Always illuminated
−
Configuration
CFG
Green
−
Lockout state due to Parameter error or Cascading
Configuration error
External device
monitoring
EDM
Green
EDM input is in ON state *
Lockout state due to EDM error
Internal error
INTERNAL
Red
−
Lockout state due to Internal error, or error due to
abnormal power supply or noise
Lockout
LOCKOUT
Red
−
Lockout state due to error in receiver
Stable-state
STB
Green
Incident light level is 170% or
higher of ON-threshold
Safety output is instantaneously
turned OFF due to ambient light or vibration
ON/OFF
ON/OFF
Green
Safety output is in ON state
−
Red
Safety output is in OFF state
Lockout state due to Safety Output error, or error
due to abnormal power supply or noise
Communication
COM
Green
Synchronization between emitter
and receiver is maintained
Lockout state due to Communication error, or error
due to abnormal power supply or noise
Bottom-beam state
BTM
Blue
The bottom beam is unblocked
Lockout state due to Scan code setting error
Main Unit
PC/AT compatible machine (computer that runs Microsoft Windows)
Operating System (OS)
Windows 7 (32-bit/64-bit), Windows 8, 8.1 (32-bit/64-bit), Windows 10 (32-bit/64-bit)
Communication Port
USB port ×1
Ambient Temperature
Operating: -10 to 55°C, Storage: -30 to 70°C (non-icing and non-condensing)
Ambient Humidity
Operating: 35% to 85%, Storage: 35% to 95% (non-condensing)
Item
F39-LP
Applicable Sensor
F3SG-
@RA Series Safety Light Curtain (Receiver)
LED Light Color
Red/Green/Orange
Power Supply Voltage
24 VDC±20%, ripple p-p 10% max. (shares sensor’s power supply)
Current Consumption
25 mA max. (shares sensor’s power supply.)
Ambient Temperature
Operating: -10 to 55°C, Storage: -25 to 70°C
Ambient Humidity
Operating: 35% to 85%, Storage: 35% to 95%
Vibration Resistance
10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Shock Resistance
100 m/s2 , 1000 shocks for all 3 axes
Degree of Protection
IP65 and IP67 (When attached to F3SG)
Type of Connection
Connectable to F3SG-RA’s terminal connector
Material
Lighting element: PC, Other body parts: PBT
Weight
45 g (when packaged)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com