Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F39-LP Datasheet(PDF) 47 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 43Page - Omron Electronics LLC F39-LP Datasheet HTML 44Page - Omron Electronics LLC F39-LP Datasheet HTML 45Page - Omron Electronics LLC F39-LP Datasheet HTML 46Page - Omron Electronics LLC F39-LP Datasheet HTML 47Page - Omron Electronics LLC F39-LP Datasheet HTML 48Page - Omron Electronics LLC F39-LP Datasheet HTML 49Page - Omron Electronics LLC F39-LP Datasheet HTML 50Page - Omron Electronics LLC F39-LP Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 164 page
background image
F3SG-RR
47
Double-Ended Cable (2 cables per set, one for emitter and one for receiver) *
* The cable for emitter and the cable for receiver are available separately. Add '-L' for emitter or '-D' for receiver to the end of the model number
when you order.
Double-Ended Cable for Emitter: F39-JD
@B-L, Double-Ended Cable for Receiver: F39-JD@B-D
Note: To extend the cable length to more than 20 m, add the F39-JD
@B Double-Ended Cable to the F39-JD@A Single-Ended Cable.
To extend the cable length to more than 40 m, add several Double-Ended Cables to the Single-Ended Cable.
Example: To extend the cable length to 50 m, connect two F39-JD20B (20 m) cables and one F39-JD10A (10 m) cable.
Reduced Wiring Connector System (Order the F39-CN5 and Cables for Reduce Wiring.)
Reduced Wiring Connector
Note: When using the Reduced Wiring Connector (F39-CN5), the following
functions are not available.
- Manual Reset
- External Device Monitoring
- Auxiliary Output
Make sure to keep the settings in the factory default.
Cable for Reduce Wiring* (2 cables per set, one for emitter and one for receiver)
Note: A combination of emitter and receiver cables of other lengths than the above is also available. For details, contact your Omron representative.
* Double-Ended Cable for emitter and Single-Ended Cable for receiver.
Appearance
Cable length
Specifications
Model
0.5 m
F39-JDR5B
1 m
F39-JD1B
3 m
F39-JD3B
5 m
F39-JD5B
7 m
F39-JD7B
10 m
F39-JD10B
15 m
F39-JD15B
20 m
F39-JD20B
Appearance
Specifications
Model
IP67* rated when mated.
* When the accessory is used,
protect it from cutting oil.
F39-CN5
Appearance
Cable length
Specifications
Remarks
Model
Emitter: 3 m
Receiver: 3 m
IP67* rated
when mated.
* When the
accessory is
used, protect it
from cutting oil.
Double-Ended Cable: F39-JD3B-L
Single-Ended Cable: F39-JD3A-D
F39-JD0303BA
Emitter: 3 m
Receiver: 7 m
Double-Ended Cable: F39-JD3B-L
Single-Ended Cable: F39-JD7A-D
F39-JD0307BA
Emitter: 3 m
Receiver: 10 m
Double-Ended Cable: F39-JD3B-L
Single-Ended Cable: F39-JD10A-D
F39-JD0310BA
Emitter: 5 m
Receiver: 3 m
Double-Ended Cable: F39-JD5B-L
Single-Ended Cable: F39-JD3A-D
F39-JD0503BA
Emitter: 5 m
Receiver: 7 m
Double-Ended Cable: F39-JD5B-L
Single-Ended Cable: F39-JD7A-D
F39-JD0507BA
Emitter: 5 m
Receiver: 10 m
Double-Ended Cable: F39-JD5B-L
Single-Ended Cable: F39-JD10A-D
F39-JD0510BA
Emitter: 10 m
Receiver: 3 m
Double-Ended Cable: F39-JD10B-L
Single-Ended Cable: F39-JD3A-D
F39-JD1003BA
Emitter: 10 m
Receiver: 7 m
Double-Ended Cable: F39-JD10B-L
Single-Ended Cable: F39-JD7A-D
F39-JD1007BA
Emitter: 10 m
Receiver: 10 m
Double-Ended Cable: F39-JD10B-L
Single-Ended Cable: F39-JD10A-D
F39-JD1010BA
Brown
Blue
Gray
Pink
White
Red
Black
Yellow
Blue
Gray
Pink
White
Red
Black
Yellow
2
7
5
6
1
8
3
4
Brown
5
8
4
3
2
1
7
6
5
8
6
7
1
2
3
4
2
7
5
6
1
8
3
4
Female
Male
Connected to Power Cable
or Double-Ended Cable
Connected to Single-Ended Cable, or
Double-Ended Cable
Shield
Shield
Connected to Power Cable
or Double-Ended Cable
Connected to Single-Ended Cable, or
Double-Ended Cable
Brown
Blue
Gray
Pink
White
Red
Black
Yellow
Blue
Gray
Pink
White
Red
Black
Yellow
2
7
5
6
1
8
3
4
Brown
5
8
4
3
2
1
7
6
5
8
6
7
1
2
3
4
2
7
5
6
1
8
3
4
Female
Male
Shield
Shield
For emitter M12 connector (8-pin), Color: Gray
For receiver, M12 connector(8-pin) Color: Black
IP67* rated when mated.
* When the accessory is used, protect it from cutting oil.
Emitter
Receiver
Cable is gray
F39-JD
@B-L (Gray)
F39-JD
@A-L (Gray)
Double-Ended Cable
F39-JD
@B
Single-Ended Cable
F39-JD
@A
Cable is black
F39-JD
@B-D (Black)
F39-JD
@A-D (Black)
<Connection example>
F3SG-RR
Emitter
F3SG-RR
Receiver
F39-CN5
Reduced Wiring Connector
F39-JD
@A-D
Single-Ended
Cable (Black)
F39-JD
@B-L
Double-Ended
Cable (Gray)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com