| Electronic Components Datasheet Search |
|
HMCSD291 Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
HMCSD291 Datasheet(HTML) 5 Page - Omron Electronics LLC |
|
5 / 32 page ![]() Quick and Easy Design and Installation All you need to do is select the camera based on the field of view and installation distance that you require. There is no need to select and purchase additional lighting or lenses. Furthermore, the time required to wire everything has been drastically reduced due to the low number of components. Easy Product Selection Controller Console Camera Lighting Power supply of lighting Lens Sensor Monitoring and Setup Tool Touch Finder or Touch Finder for PC Monitor Vision Systems FQ2-series Smart Cameras 7 or more components Only 2 Sensor The camera and lighting have been integrated into a single unit, so only one camera mounting bracket is required. The Sensor comes with a multi-directional mounting bracket that can be attached on any of the four sides of the Camera. Axis alignment is also not required be- cause the lighting and the camera are integrated into a single unit. Easy Installation Standard Vision Cameras FQ2-series Smart Cameras Multi-directional Mounting Bracket 1 Mount camera. 2 Mount lighting. 3 Align the optical axes. Only one mounting bracket 1 2 3 The optical axis must be adjusted because of two components are mounted. Just install the Cameras where you need them. No control panels are required to house the controllers. Triggers can be input for each Camera, so new Cameras can be added whenever required without having to worry about timing input design. Up to 32 Cameras can be set up from a single Touch Finder, so you do not need to worry about adding new monitors when you need more Cameras. This also allows you to smoothly respond to user requests for additional features. Easy Expansion Current Vision Systems FQ2-series Smart Cameras Current Vision Systems A separate controller is needed to add a new camera. FQ2-series Smart Cameras Triggers Up to 32 Cameras Connect up the 32 Cameras and remove them as required after setup. 5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |