Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFP Datasheet(PDF) 96 Page - Omron Electronics LLC

Part # PFP
Description  Start with Smart! Easily select the most reliable Fiber Unit for your detection conditions.
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP Datasheet(HTML) 96 Page - Omron Electronics LLC

Back Button PFP Datasheet HTML 92Page - Omron Electronics LLC PFP Datasheet HTML 93Page - Omron Electronics LLC PFP Datasheet HTML 94Page - Omron Electronics LLC PFP Datasheet HTML 95Page - Omron Electronics LLC PFP Datasheet HTML 96Page - Omron Electronics LLC PFP Datasheet HTML 97Page - Omron Electronics LLC PFP Datasheet HTML 98Page - Omron Electronics LLC PFP Datasheet HTML 99Page - Omron Electronics LLC PFP Datasheet HTML 100Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
Note:
There is a white line on the emitter fiber.
Note:
There is a white line on the emitter fiber.
E32-C91N 2M
(Free Cutting)
Flexible,
R4
E32-C91N 2M
97-F
520
100
ST :
SHS:
780
220
1,170
340
350
100
ST :
SHS:
520
100
ST :
SHS:
350
100
ST :
SHS:
190
39
ST :
SHS:
130
39
ST :
SHS:
520
100
ST :
SHS:
350
100
ST :
SHS:
14.7
M4
Standard Installation
Hex-shaped Models
New Product Information (New Products: Indicated by
in the following table.)
Hex-shaped Models
E32-LD11N 2M
Size
M6
M3
M6
M4
Flexible,
R2
E32-D21N 2M
97-C
97-E
E32-C21N 2M
97-D
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
97 Page
Dimensions
No.
IP50
IP67
IP67
E3X-HD
E3NX-FA
* The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
The following mode names and response times apply to the modes given in the Sensing distance column.
[E3X-HD] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (NPN output: 50 μs, PNP output: 55 μs)
[E3NX-FA] GIGA: Giga-power mode (16 ms), HS: High-speed mode (250 μs), ST: Standard mode (1 ms), and SHS: Super-high-speed mode (30 μs)
The values for the minimum sensing object are reference values that indicate values obtained in standard mode with the sensing distance and sensitivity set to the optimum values.
The first value is for the E3X-HD and the second value is for the E3NX-FA.
The sensing distances for Reflective Sensors are for white paper. (The sensing distances for the E32-LD11N 2M are for glossy white paper).
With Retro-reflective Models, objects with a high reflection factor may cause the Fiber Sensor to detect reflected light as incident light. Also, stable detection may not be possible for transparent objects. Check suitability beforehand.
Note 1.
2.
3.
4.
•
You can easily mount these Fiber Units by making a hole in the bracket and
tightening just one nut.
•
The cable follows the wall, so extra space is not required, and the cable will
not get caught on other objects.
A Fiber Unit with Build-in Lens is the new standard in fiber units.
We recommend this new standard Fiber Unit that achieves stable
detection with a high-power beam.
You don’ t have to worry about the lens falling off and getting lost.
Through-beam Flat Fiber Units are also available. (→ 14 page)
Transparent Object Detection
Retro-reflective Models are ideal for detection
of transparent objects.
→
35 Page: Performance Comparison of
Transparent Object Detection
Long-distance Sensing
Applications with the E32-T11N
A separate Lens Unit can be attached
to extend the sensing distance.
→
26 Page
And
Size
Aperture
angle
Aperture
angle
M4
Appearance (mm)
Bending
radius
of cable
Sensing distance (mm)
Other modes
E3X-HD
Other modes
E3NX-FA
Tighten nut
at only one place.
Tightened
with two nuts.
Cable remains
out of the way.
Approx.
15°
Approx.
15°
Approx.
60°
Approx.
60°
97-A
*
Flexible,
R2
4,000*
3,450
4,000
920
ST :
SHS:
3,500
920
ST :
SHS:
E32-LT11N 2M
4,000*
2,300
3,000
1,050
E32-T11N 2M
Flexible,
R1
2,000
700
97-B
1,500
280
ST :
SHS:
1,000
280
ST :
SHS:
IP67
IP50
M6
Flexible,
R2
E32-LR11NP 2M
+
E39-RP1
1,800
550
ST :
SHS:
1,200
550
ST :
SHS:
1,350
1,000
2,020
1,500
IP50
97-G
IP67
M6
15.8
1,260
360
840
240
440
130
290
90
M3
18.5
M4
13.5
1,260
840
240
360
E32-LR11NP 2M
(Free Cutting)
97-G
E32-LT11N 2M
(Free Cutting)
97-A
E32-T11N 2M
(Free Cutting)
97-B
2,000
M2.6×0.45
M4×0.7 (Nickel-plated brass)
3
10
(45)
5.5
4.7
14.7
8.4 dia.
Sensing surface
1 dia.
2.2 dia.
Model display tube
E32-LD11N 2M
(Free Cutting)
97-C
E32-C21N 2M
(Free Cutting)
97-D
E32-D21N 2M
(Free Cutting)
97-E
97-F
Toothed washer (Nickel-plated iron)
Hexagonal nut Opposite side: 5.5, Thickness: 1.7 (Nickel-plated brass)
M3×0.5 (Trivalent chrome-plated zinc alloy)
2.4
Model display tube Two, 1.3 dia.
2.2 dia.
4.5
Toothed washer (Nickel-plated iron)
Hexagonal nut Opposite side: 10, Thickness: 2.4 (Nickel-plated brass)
M6×0.75 (Trivalent chrome-plated zinc alloy)
2.35
5
Sensing surface Two, 1.5 dia
(Methacrylate resin)
Model display tube
Two, 2.2 dia.
4
4
3
3 dia.
Toothed washer (Nickel-plated iron)
Hexagonal nut Opposite side: 7, Thickness: 2.4 (Nickel-plated brass)
M4×0.7 (Trivalent chrome-plated zinc alloy)
3.2
Sensing surface Two, 1 dia
(Methacrylate resin)
Model display tube
Two, 1.3 dia.
2.2 dia.
4.5
(8.1)
2,000
(45)
2,000
(45)
(11.5)
2,000
(45)
(8.1)
18.5
7
13
13
13.5
15.8
6
12.5
3.5
10
7
10
4.8
11
M4
14.4
M6
44
8.5
80
15.8
E39-RP1
Specifications
Through-beam Fiber Units
Reflective Fiber Units
Cladding
Cores
What Is “Flexible” Fiber?
The flexible fiber has a small bending radius for easy routing
without easily breaking.
It is easy to use because the cable can be bent without significantly
reducing light intensity.
Structure which
has a cladding
around a large
number of ultrafine
cores.
Features of Coaxial Reflective Type
These Fiber Units offer better detection of small objects at close distances
(of 2 mm or less) than Standard Reflective Fiber Units.
They also detect glossy surfaces more reliably than Standard Reflective Fiber Units,
even if the surface is tilted.
The receiver fibers are arranged around
the emitter fiber as shown below.
Emitter Fiber
Receiver Fibers
- Reference Information for Model Selection -
Optical axis
diameter
(minimum
sensing
object)
Models
97 Page
Dimensions
No.
HS
GIGA
HS
GIGA
Other modes
Other modes
HS
GIGA
HS
GIGA
Other modes
Other modes
HS
GIGA
HS
GIGA
Coaxial
Coaxial
(0.1 dia./
0.03 dia.)
2.3 dia.
(0.1 dia./
0.03 dia.)
1 dia.
(5 μm dia./
2 μm dia.)
(5 μm dia./
2 μm dia.)
(5 μm dia./
2 μm dia.)
Dimensions
Installation Information → 58, 59, 60, 61 Page
Through-beam Fiber Units
Hexagonal nut Opposite side: 7, Thickness: 2.4 (Nickel-plated brass)
Toothed washer (Nickel-plated iron)
3.2 Sensing surface 2.3 dia.
(Methacrylate resin)
Model display tube 2.2 dia.
(8.1)
(45)
2,000
14.4
4.4
10
7
M4×0.7 (Trivalent chrome-plated zinc alloy)
Retro-reflective Fiber Units (With M.S.R. Function)
Retro-reflective Fiber Units (With M.S.R. Function)
0.2
3
8.5
Two, 3.5 dia
80
72 63.6
44
Material:
<Reflective surface>
Methacrylate resin
<Back> ABS
2,000
(45)
(11.5)
2.35
5
10
15.8
4.8
11
M6×0.75 (Trivalent chrome-plated zinc alloy)
Hexagonal nut Opposite side: 10, Thickness: 2.4 (Nickel-plated brass)
Toothed washer (Nickel-plated iron)
Sensing surface Two, 1.5 dia
(
optical filters)
Model display tube
Two, 2.2 dia.
Reflective Fiber Units
Fiber attachment
(E39-F9W13) provided
Fiber attachment
(E39-F9W13) provided
0.5 dia.
emitter fibers
M4 nuts (Nickel-plated brass)
Washer (Nickel-plated iron)
provided (4 of each)
Nine, 0.25 dia.
receiver fibers
•
24
M6
24
18 3
6
2.5 dia.
(45)
2,000 (standard length)
Hexagonal nut, Opposite side:10, Thickness: 2.4 (Nickel-plated brass)
Toothed washer (nickel-plated iron)
Sensing head, M6 × 0.75 (Nickel-plated brass)
(5.6)
9.75
9.75
9.75
1 dia. emitter fiber
(PMMA)
Sixteen 0.265-dia. receiver fibers
Model display
tube
Optical fibers: Two, 2.2 dia.
Sensing distance (mm)
Optical axis
diameter
(minimum
sensing
object)
Models
97 Page
Dimensions
No.
E3X-HD
E3NX-FA
Bending
radius
of cable
Appearance (mm)
Size
Aperture
angle
Approx.
15°
96
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
Installation
Information
97
Installation
Information
Threaded
Cylindrical
Flat
Sleeved
Small Spot
High Power
Retro-
reflective
Limited-
reflective
Narrow
view
BGS
Chemical-
resistant,
Oil-resistant
Bending
Heat-
resistant
Area
Detection
Liquid-level
Vacuum
FPD,
Semi,
Solar
96
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com