Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9513 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9513 Datasheet HTML 1Page - Maxim Integrated Products MAX9513 Datasheet HTML 2Page - Maxim Integrated Products MAX9513 Datasheet HTML 3Page - Maxim Integrated Products MAX9513 Datasheet HTML 4Page - Maxim Integrated Products MAX9513 Datasheet HTML 5Page - Maxim Integrated Products MAX9513 Datasheet HTML 6Page - Maxim Integrated Products MAX9513 Datasheet HTML 7Page - Maxim Integrated Products MAX9513 Datasheet HTML 8Page - Maxim Integrated Products MAX9513 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
2
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
A
AB
BS
SO
OL
LU
UT
TE
E M
MA
AX
XIIM
MU
UM
M R
RA
AT
TIIN
NG
GS
S
ELECTRICAL CHARACTERISTICS
(VDD = VSHDN = 3.3V, VSMARTSLEEP = VINT/EXT = GND = 0V, RL = no load. TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages with respect to GND.)
VDD ..........................................................................-0.3V to +4V
SMARTSLEEP, SHDN, INT/EXT,
CVBSIN, EXTCVBSIN ..........................................-0.3V to +4V
Duration of Short Circuit to
VDD or GND (CVBSOUT1, CVBSOUT2)................Continuous
Continuous Input Current
EXTCVBSIN, CVBSIN,
SMARTSLEEP, SHDN, INT/EXT ....................................±20mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (derate 15.6mW/°C above +70°C)..........1250mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR
2.7
3.6
V
INT/EXT = GND, CVBSIN = 0.3V
13
16
INT/EXT = VDD,
EXTCVBSIN is unconnected
4.3
6
mA
SMARTSLEEP = VDD,
CVBSIN has no active video signal
714
Supply Current
IDD
SMARTSLEEP = VDD, CVBSIN has a black-
burst video signal with sync tip at GND
(Note 2)
17
µA
Shutdown Supply Current
ISHDN
VSHDN = GND
0.01
10
µA
SMARTSLEEP CHARACTERISTICS
Minimum Line Frequency
CVBSIN
14.3
kHz
Sync Slice Level
CVBSIN
4.1
5.2
% VDD
Output Load Detect Threshold
Sync pulse present, RL to GND
200
DC CHARACTERISTICS
2.7V < VDD < 3.6V
0
1.05
Input Voltage Range
VIN
CVBSIN, guaranteed
by output voltage
swing
3.0V < VDD < 3.6V
0
1.2
V
Input Current
IIN
CVBSIN = 0V
2
5
µA
Input Resistance
RIN
CVBSIN
20
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com