Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB01S-E Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # AB01S-E
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

AB01S-E Datasheet(HTML) 1 Page - VoltarisTech Inc

  AB01S-E Datasheet HTML 1Page - VoltarisTech Inc AB01S-E Datasheet HTML 2Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AB005S-E THRU AB10S-E
SINGLE PHASE GLASS PASSIVATED
BRIDGE RECTIFIER
VOLTAGE: 50V to 1000V
CURRENT: 0.8A
FEATURE
ABS
Ideal for printed circuit board
Glass passivated chip
Reliable low cost construction utilizing molded plastic
technique
Small size, simple installation
High temperature soldering guaranteed: 260℃/10 seconds
Halogen Free
MECHANICAL DATA
Terminal: Plated leads solderable per J-STD-002
Case:UL-94 Class V-0 recognized Halogen Free Epoxy
Polarity: Polarity symbol marked on body
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60Hz, resistive or inductive load rating at 25
C, unless otherwise stated)
Symbol
AB00
5S-E
AB01
S-E
AB02
S-E
AB04
S-E
AB06
S-E
AB08
S-E
AB10
S-E
Units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current (Note
1)
If(av)
0.5
0.8
A
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load
Ifsm
30
A
Rating for fusing (t<8.3ms)
I
2t
3.74
A
2sec
Maximum Instantaneous Forward Voltage @IF=0.5A
@IF=0.8A
Vf
0.95
1.0
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
200
A
Typical Thermal resistance per leg
Rth(jl)
Rth(ja)
25
62.5
℃/W
Storage and Operating Junction Temperature Range
Tstg, Tj
-55 to +150
℃
Note:
1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad
Rev.A1, 21-Nov-17
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - AB01S-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
AB015M-CUE OMRON-AB015M-CUE Datasheet
373Kb / 51P
EC Directives Models)
logo
Sanken electric
AB01B SANKEN-AB01B Datasheet
235Kb / 4P
High Voltage Fast Recovery Rectifier
AB01B SANKEN-AB01B Datasheet
236Kb / 4P
High Voltage Fast Recovery Rectifier
More results

Similar Description - AB01S-E

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com