Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-B-P0MQ Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # LE-B-P0MQ
Description  OSRAM OSTAR™ Projection Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-B-P0MQ Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button LE-B-P0MQ Datasheet HTML 13Page - ams-OSRAM AG LE-B-P0MQ Datasheet HTML 14Page - ams-OSRAM AG LE-B-P0MQ Datasheet HTML 15Page - ams-OSRAM AG LE-B-P0MQ Datasheet HTML 16Page - ams-OSRAM AG LE-B-P0MQ Datasheet HTML 17Page - ams-OSRAM AG LE-B-P0MQ Datasheet HTML 18Page - ams-OSRAM AG LE-B-P0MQ Datasheet HTML 19Page - ams-OSRAM AG LE-B-P0MQ Datasheet HTML 20Page - ams-OSRAM AG LE-B-P0MQ Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LE B P0MQ
DATASHEET
DATASHEET
17 | Version 1.5 | 2025-06-12
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
AA::
Planar encapsulation
M
M::
Chip on air, framed
W
W::
Window on TOP
W
Waavveelleennggtthh
EEm
miissssiioonn C
Coolloorr
((λλddoomm ttyypp..))
AA::
614 nm
Amber
BB::
456 nm
Blue
C
CG
G::
Cx: 0.32; Cy: 0.64
Converted green
D
D::
440 nm
Deep blue
LLEE:: Light
Emitting
Diode
PPaacckkaaggee TTyyppee
PP:: Chip on MCPCB
C
Chhiipp TTeecchhnnoollooggyy
Q
Q::
High power (2mm²)
R
R::
High power (2.5mm²)
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
00::
1x1 Chip configuration
11::
2x1 Chip configuration
22::
2x2 Chip configuration
33::
2x3 Chip configuration
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LLEE
AA
PP
11
M
M
Q
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com