Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-B-Q7WR Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LE-B-Q7WR
Description  OSRAM OSTAR™ Projection Compact
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-B-Q7WR Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LE-B-Q7WR Datasheet HTML 7Page - ams-OSRAM AG LE-B-Q7WR Datasheet HTML 8Page - ams-OSRAM AG LE-B-Q7WR Datasheet HTML 9Page - ams-OSRAM AG LE-B-Q7WR Datasheet HTML 10Page - ams-OSRAM AG LE-B-Q7WR Datasheet HTML 11Page - ams-OSRAM AG LE-B-Q7WR Datasheet HTML 12Page - ams-OSRAM AG LE-B-Q7WR Datasheet HTML 13Page - ams-OSRAM AG LE-B-Q7WR Datasheet HTML 14Page - ams-OSRAM AG LE-B-Q7WR Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LE B Q7WR
DATASHEET
DATASHEET
11 | Version 1.1 | 2025-07-10
Forward Voltage 4)
ΔV
F = VF - VF(25 °C) = f(Tj ); IF = 1400 mA; per Chip
LEBQ7WR
-40-20 020406080 100 120 140
Tj /°C
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
∆VF /V
Relative Radiant Power 4)
Φ
E/ΦE(25 °C) = f(Tj); IF = 1400 mA
LEBQ7WR
-40-20 020406080 100 120 140
Tj /°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
ΦE
ΦE (25°C)
Dominant Wavelength 4)
Δλ
dom = λdom - λdom(25 °C) = f(Tj ); IF = 1400 mA; per Chip
LEBQ7WR
-40-20 020406080 100 120 140
Tj /°C
-8
-6
-4
-2
0
2
4
6
8
10
'O dom /nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com