Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4411 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4411
Description  Push Button On/Off Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411 Datasheet(HTML) 3 Page - Linear Technology

  LTC4411 Datasheet HTML 1Page - Linear Technology LTC4411 Datasheet HTML 2Page - Linear Technology LTC4411 Datasheet HTML 3Page - Linear Technology LTC4411 Datasheet HTML 4Page - Linear Technology LTC4411 Datasheet HTML 5Page - Linear Technology LTC4411 Datasheet HTML 6Page - Linear Technology LTC4411 Datasheet HTML 7Page - Linear Technology LTC4411 Datasheet HTML 8Page - Linear Technology LTC4411 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2951
3
2951f
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.7V to 26.4V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Push Button Pin (⎯P⎯B)
V⎯P⎯B(MIN, MAX)
⎯P⎯B Voltage Range
Single-Ended
●
–1
26.4
V
I⎯P⎯B
⎯P⎯B Input Current
2.5V < V⎯P⎯B < 26.4V
V⎯P⎯B = 1V
V⎯P⎯B = 0.6V
●
●
●
–1
–3
–6
–9
±1
–12
–15
µA
µA
µA
V⎯P⎯B(VTH)
⎯P⎯B Input Threshold
⎯P⎯B Falling
●
0.6
0.8
1
V
V⎯P⎯B(VOC)
⎯P⎯B Open Circuit Voltage
I⎯P⎯B = –1µA
●
11.6
2
V
Timing Pins (KILLT, OFFT)
IKILLT, OFFT(PU)
KILLT/OFFT Pull Up Current
VKILLT, OFFT = 0V
●
–2.4
–3
–3.6
µA
IKILLT, OFFT(PD)
KILLT/OFFT Pull Down Current
VKILLT, OFFT = 1.3V
●
2.4
3
3.6
µA
tDB, ON
Turn On Debounce Time
⎯P⎯B Falling → Enable Asserted
●
100
128
163
ms
tDB, OFF
Internal Turn Off Debounce Time
OFFT Pin Float, ⎯P⎯B Falling → ⎯I⎯N⎯T Falling
●
26
32
41
ms
tOFFT
Additional Adjustable Turn Off Time COFFT = 1500pF
●
9
11.5
13.5
ms
µP Handshake Pins (⎯I⎯N⎯T, ⎯K⎯I⎯L⎯L)
I⎯I⎯N⎯T(LKG)
⎯I⎯N⎯T Leakage Current
V⎯⎯⎯I⎯N⎯T = 3V
●
±1
µA
V⎯I⎯N⎯T(VOL)
⎯I⎯N⎯T Output Voltage Low
I⎯⎯⎯I⎯N⎯T = 3mA
●
0.11
0.4
V
V⎯K⎯I⎯L⎯L(TH)
⎯K⎯I⎯L⎯L Input Threshold Voltage
⎯K⎯I⎯L⎯L Falling
●
0.57
0.6
0.63
V
V⎯K⎯I⎯L⎯L(HYST)
⎯K⎯I⎯L⎯L Input Threshold Hysteresis
●
10
30
50
mV
I⎯K⎯I⎯L⎯L(LKG)
⎯K⎯I⎯L⎯L Leakage Current
V⎯K⎯I⎯L⎯L = 0.6V
●
±0.1
µA
t⎯K⎯I⎯L⎯L(PW)
⎯K⎯I⎯L⎯L Minimum Pulse Width
●
30
µs
t⎯K⎯I⎯L⎯L(PD)
⎯K⎯I⎯L⎯L Propagation Delay
⎯K⎯I⎯L⎯L Falling → Enable Released
●
30
µs
t⎯K⎯I⎯L⎯L, ON BLANK
⎯K⎯I⎯L⎯L Turn On Blanking (Note 3)
⎯K⎯I⎯L⎯L = Low, Enable Asserted → Enable
Released
●
400
512
650
ms
t⎯K⎯I⎯L⎯L, OFF DELAY
Internal ⎯K⎯I⎯L⎯L Turn Off Delay
(Note 4)
KILLT Pin Float, ⎯K⎯I⎯L⎯L = High, ⎯⎯I⎯⎯⎯N⎯⎯⎯T Asserted →
Enable Released
●
100
128
163
ms
t⎯K⎯I⎯L⎯L, OFF DELAY,
ADDITIONAL
Additional Adjustable ⎯K⎯I⎯L⎯L Turn Off
Delay (Note 4)
CKILLT = 1500pF
●
9
11.5
13.5
ms
tEN/⎯E⎯N, Lock Out
EN/⎯E⎯N Lock Out Time (Note 5)
Enable Released → Enable Asserted
●
200
256
325
ms
IEN/⎯E⎯N(LKG)
EN/⎯E⎯N Leakage Current
VEN/⎯E⎯N = 1V, Sink Current Off
●
±0.1
µA
VEN/⎯E⎯N(VOL)
EN/⎯E⎯N Voltage Output Low
IEN/⎯E⎯N = 3mA
●
0.11
0.4
V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: The ⎯K⎯I⎯L⎯L turn on blanking timer period is the waiting period
immediately after the enable output is asserted. This blanking time allows
sufficient time for the DC/DC converter and the µP to perform power up
tasks. The ⎯K⎯I⎯L⎯L and ⎯P⎯B inputs are ignored during this period. If ⎯K⎯I⎯L⎯L
remains low at the end of this time period, the enable output is released,
thus turning off system power. This time delay does not include tDB, ON.
Note 4: The internal ⎯K⎯I⎯L⎯L turn off delay (t⎯K⎯I⎯L⎯L, OFF DELAY) is the default
delay from the initiation of a power off sequence (⎯I⎯N⎯T falling, ⎯K⎯I⎯L⎯L = high),
to the release of the enable output. The additional, adjustable ⎯K⎯I⎯L⎯L turn
off delay (t⎯K⎯I⎯L⎯L, OFF DELAY, ADDITIONAL) uses an optional external capacitor
(CKILLT) to provide extra delay from ⎯I⎯N⎯T falling to the release of the enable
output. If the ⎯K⎯I⎯L⎯L input switches low at any time during ⎯K⎯I⎯L⎯L turn off
delay, enable is released, thus turning off system power.
Note 5: The enable lock out time is designed to allow an application to
properly power down such that the next power up sequence starts from a
consistent powered down configuration. ⎯P⎯B is ignored during this lock out
time. This time delay does not include tDB, ON.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com