Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4055 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4055
Description  Push Button On/Off Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4055 Datasheet HTML 2Page - Linear Technology LTC4055 Datasheet HTML 3Page - Linear Technology LTC4055 Datasheet HTML 4Page - Linear Technology LTC4055 Datasheet HTML 5Page - Linear Technology LTC4055 Datasheet HTML 6Page - Linear Technology LTC4055 Datasheet HTML 7Page - Linear Technology LTC4055 Datasheet HTML 8Page - Linear Technology LTC4055 Datasheet HTML 9Page - Linear Technology LTC4055 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2951
6
2951f
VIN (Pin 1/Pin 4): Power Supply Input: 2.7V to 26.4V.
⎯P⎯B (Pin 2/Pin 3): Push Button Input. Connecting ⎯P⎯B to
ground through a momentary switch provides on/off
control via the EN/⎯E⎯N pin. An internal 100k pull-up resis-
tor connects to an internal 1.9V bias voltage. The rugged
⎯P⎯B input can be pulled up to 26.4V externally without
consuming extra current.
KILLT (Pin 3/Pin 2): Additional, Adjustable ⎯K⎯I⎯L⎯L Turn Off
Delay Input (t⎯K⎯I⎯L⎯L, OFF DELAY, ADDITIONAL). A capacitor to
ground provides additional delay time (beyond the internal
default 128ms, t⎯K⎯I⎯L⎯L, OFF DELAY) from ⎯I⎯N⎯T falling to the
automatic release of the enable output. The ⎯K⎯I⎯L⎯L turn off
delay feature ensures the release of the enable pin under
system fault conditions, such as the µP not responding
to the LTC2951 interrupt signal (⎯I⎯N⎯T low).
GND (Pin 4/Pin 1): Device Ground.
⎯I⎯N⎯T (Pin 5/Pin 8): Open Drain Interrupt Output. After a
push button turn-off event is detected (tDB, OFF + tOFFT),
the LTC2951 interrupts the system (µP) by bringing the
⎯I⎯N⎯T pin low. Once the system finishes its power down
and housekeeping tasks, it sets ⎯K⎯I⎯L⎯L low, which in turn
releases the enable output. If at the end of the power
down timer period (t⎯K⎯I⎯L⎯L, OFF DELAY + t⎯K⎯I⎯L⎯L, OFF DELAY, AD-
DITIONAL) ⎯K⎯I⎯L⎯L is still high, the enable output is released
immediately. ⎯I⎯N⎯T may optionally be tied to ⎯K⎯I⎯L⎯L to release
the enable output immediately after the turn-off event has
been detected (⎯I⎯N⎯T low).
EN (LTC2951-1, Pin 6/Pin 7): Open Drain Enable Output.
This pin is intended to enable system power. EN goes high
after a valid ⎯P⎯B turn on event (tDB, ON). EN goes low if: a)
⎯K⎯I⎯L⎯L is not driven high within 512ms of the initial valid ⎯P⎯B
power turn-on event, b) ⎯K⎯I⎯L⎯L is driven low during normal
operation, or c) a second valid ⎯P⎯B event (power turn-off)
is detected. The operating range for this pin is 0V to 10V.
A 100k pull-up is recommended if not available in the
DC/DC converter.
⎯⎯E⎯N (LTC2951-2, Pin 6/Pin 7): Open Drain Enable Output.
This pin is intended to enable system power. ⎯E⎯N is asserted
low after a valid ⎯P⎯B turn-on event (tDB, ON). ⎯E⎯N releases
high if: a) ⎯K⎯I⎯L⎯L is not driven high within 512ms of the
initial valid ⎯P⎯B power turn-on event, b) ⎯K⎯I⎯L⎯L is driven low
during normal operation, or c) a second valid ⎯P⎯B event
(power turn-off) is detected. The operating range of this
pin is 0V to 10V. A 100k pull-up is recommended if not
available in the DC/DC converter.
OFFT (Pin 7/Pin 6): Additional Adjustable Turn Off Time
Input (tOFFT). A capacitor to ground determines the ad-
ditional time (beyond the internal default 32ms, tDB, OFF)
that the ⎯P⎯B pin must be held low before initiating a power
down sequence (⎯I⎯N⎯T falling). Floating this pin results in a
default turn off debounce time of 32ms.
⎯K⎯I⎯L⎯L (Pin 8/Pin 5): ⎯K⎯I⎯L⎯L Input. Forcing ⎯K⎯I⎯L⎯L low releases
the enable output. During system turn on, this pin is blanked
by a 512ms internal timer (t⎯K⎯I⎯L⎯L, ON BLANK) to allow the
system to pull ⎯K⎯I⎯L⎯L high. This pin has an accurate 0.6V
threshold and can be used as a voltage monitor input.
Exposed Pad (Pin 9): Exposed Pad may be left open or
connected to device ground.
(TSOT-23/DFN)
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com