Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ODP-34-PD-155-FCU-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ODP-34-PD-155-FCU-R
Description  GPON High Power Diplexer PRELIMINARY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ODP-34-PD-155-FCU-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ODP-34-PD-155-FCU-R Datasheet HTML 1Page - List of Unclassifed Manufacturers ODP-34-PD-155-FCU-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ODP-34-PD-155-FCU-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ODP-34-PD-155-FCU-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ODP-34-PE
GPON High Power Diplexer
PRELIMINARY
Outline Drawing
0.01 µF
1H
Vcc
10 µF
+
OUT -
OUT +
1
4
3
2
Receiver Block Diagram
C
C
Luminent Optical block
Customer Interface
At 155 Mbps, C= 0.1µF
At 622 Mbps, C= 0.1 µF
At 1250 Mbps, C= 0.022 µF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com