Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ODP-34-PC-622-FCU-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ODP-34-PC-622-FCU-R
Description  GPON High Power Diplexer PRELIMINARY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ODP-34-PC-622-FCU-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ODP-34-PC-622-FCU-R Datasheet HTML 1Page - List of Unclassifed Manufacturers ODP-34-PC-622-FCU-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ODP-34-PC-622-FCU-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ODP-34-PC-622-FCU-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ODP-34-PE
GPON High Power Diplexer
PRELIMINARY
Digital Receiver Characteristics (622 Mbps)
Parameter
Detection Wavelength
Gain differential
Supply Voltage
Supply Current (Vcc= 5V)a
Supply Current (Vcc= 3.3V)a
High Frequency -3 dB point (Vcc= 5V)b
High Frequency -3 dB point (Vcc= 3.3V)b
Single -ended output voltage(p-p)c
Single-ended output resistanced
Min
1260
10
3
23
20
450
440
75
40
Typical
-
-
5.0
28
28
580
520
200
50
Max
1360
-
5.5
45
42
750
600
330
62
Units
nm
mV/
µW
V
mA
mA
MHz
MHz
mV
Ohm
Symbol
λ
G
Vcc
Icc
Icc
f-3dB(h)
f-3dB(h)
Vo(se)(p-p)
Ro(se)
a) AC coupled; RL =50 Ohm
b) Ci= 0.7 pF
c) AC coupled; RL =50 Ohm; input current =100 µA(p-p)
d) DC tested
Digital Receiver Characteristics (1250 Mbps)
Parameter
Detection Wavelength
Gain differential
Supply Voltage
Supply Current a
High Frequency -3 dB point (Vcc= 5V)b
High Frequency -3 dB point (Vcc= 3.3V)b
Single -ended output voltage(p-p)c
Single-ended output resistanced
Min
1260
4
3
-
1000
850
75
40
Typical
-
-
5.0
34
1200
1100
200
50
Max
1360
-
5.5
47
-
-
330
62
Units
nm
mV/
µW
V
mA
MHz
MHz
mV
Ohm
Symbol
λ
G
Vcc
Icc
f-3dB(h)
f-3dB(h)
Vo(se)(p-p)
Ro(se)
a) AC coupled; RL =50 Ohm
b) Ci= 0.7 pF
c) AC coupled; RL =50 Ohm; input current =100 µA(p-p)
d) Single-ended; DC tested
Digital Receiver Characteristics (155 Mbps)
Parameter
Detection Wavelength
Gain differential
Supply Voltage
Supply Current (Vcc= 5V)a
Supply Current (Vcc= 3.3V)a
High Frequency -3 dB pointb
Single-ended output voltage(p-p)c
Single-ended output resistanced
Min
1260
20
3
20
20
100
40
36
Typical
-
-
5.0
38
35
130
110
44
Max
1360
-
5.5
60
50
-
200
57
Units
nm
mV/
µW
V
mA
mA
MHz
mV
Ohm
Symbol
λ
G
Vcc
Icc
Icc
f-3dB(h)
Vo(se)(p-p)
Ro(se)
a) AC Coupled; RL=50Ohm
b) AC coupled; measured differentially; Ci =0.7 pF; RL =50 Ohm; Tj= 100ºC
c) AC coupled; RL =50 Ohm; input current =100 µA(p-p)
d) DC tested



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com