Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM-1740 Datasheet(PDF) 1 Page - Pro-Signal

Part # SFM-1740
Description  External-driven Piezo Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

SFM-1740 Datasheet(HTML) 1 Page - Pro-Signal

  SFM-1740 Datasheet HTML 1Page - Pro-Signal SFM-1740 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
External-driven Piezo Transducer
SFM-1740
FEATURES:
This Item Is Designed For Surface
Mounting Applications
The Pin Is Plated With Gold Which
Can Meet The Request of Re-flow
Soldering Process at 260
For
30 Seconds.
Small Size
DIMENSIONS
:( Unit: mm)
CHARACTERISTICS
:
SFM-TERMINAL
RECOMMENDED
VERSION
SMD FOOT PATTERN
ELECTRICAL SPECIFICATIONS :
Min. Sound Pressure Level at
4.0kHz /5Vp-p Square Wave/10cm…….…………...80dB
Capacitance at 1000Hz…………………..….…..……..14nF±30%
Allowable Input Voltage………………….……..……….20Vp-p
Max. Consumption
at 4.0kHz/5Vp-p Square Wave…..………….………2.5mA
Resonant Frequency……………………...……..……..4.0±0.3kHz
Operating Temperature…………………………..…….-20~+85°C
Case Material/Color…………………………………….PPS/Black
Weight…………………………………….……………...2.2g
PACKING
INFORMATION:
TUBE TYPE INFORMATION:
Packing: 5400 pcs per export carton
Carton Size:
50.5
× 29 × 16 cm
G.Weight: 19 kgs
N.Weight: 11.9 kgs
Page 1 of 2


Similar Part No. - SFM-1740

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFM-105-01-S-D-LC SAMTEC-SFM-105-01-S-D-LC Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D SAMTEC-SFM-105-02-S-D Datasheet
184Kb / 1P
050 X 050 SOCKET STRIP DOUBLE ROW ASSEMBLY
SFM-105-02-S-D-A SAMTEC-SFM-105-02-S-D-A Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D-LC SAMTEC-SFM-105-02-S-D-LC Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-110-02-S-D-A SAMTEC-SFM-110-02-S-D-A Datasheet
1Mb / 2P
SMT & THROUGH-HOLE TIGER EYE??SOCKET
More results

Similar Description - SFM-1740

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFM-24 ETC2-TFM-24 Datasheet
114Kb / 1P
Self-driven Piezo Transducer
logo
Canopus Electronics (H....
CPT0908 CANOPUS-CPT0908 Datasheet
627Kb / 1P
External Drive Piezo Transducer (AC)
CPT1208 CANOPUS-CPT1208 Datasheet
635Kb / 1P
External Drive Piezo Transducer (AC)
CPT1306E CANOPUS-CPT1306E Datasheet
609Kb / 1P
External Drive Piezo Transducer (AC)
CPT1604 CANOPUS-CPT1604 Datasheet
621Kb / 1P
External Drive Piezo Transducer (AC)
CPT1708 CANOPUS-CPT1708 Datasheet
725Kb / 1P
External Drive Piezo Transducer (AC)
CPT3005 CANOPUS-CPT3005 Datasheet
682Kb / 1P
External Drive Piezo Transducer (AC)
CPT3307 CANOPUS-CPT3307 Datasheet
940Kb / 1P
External Drive Piezo Transducer (AC)
CPT3914 CANOPUS-CPT3914 Datasheet
854Kb / 1P
External Drive Piezo Transducer (AC)
CPT2206 CANOPUS-CPT2206 Datasheet
625Kb / 1P
External Drive Piezo Transducer (AC)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com