Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP1071 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 22Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 23Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 24Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 25Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 26Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 27Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LP1071 Advance Information, Rev. 0.5
24
Freescale Semiconductor
PRELIMINARY
DC Electrical Specifications
Low-level input voltage
VIL
-0.3
0.8
V
High-level input voltage
VIH
2.0
5.5
V
Threshold point
VT
1.46
1.58
1.75
V
Schmitt Trigger Low to High Thresh
VT+
Schmitt
1.47
1.50
1.50
V
Schmitt Trigger High to Low Thresh
VT-
Schmitt
0.90
0.94
0.96
V
Input Leakage Current
II
VI =VD33 or 0V
-10
10
µA
3-state leak current
IOZ
VOH = VSS
-10
10
µA
VOL = VDD
-10
10
µA
Output low voltage
VOL
IOL = 2,4,…, 24mA
0.4
V
Output high voltage
VOH
IOH =2,4,…, 24mA
2.4
V
Low Level Out Current @VOL=0.4V
IOL
2 mA
2.2
3.3
3.8
mA
4 mA
4.5
6.6
7.6
mA
8 mA
TBA
TBA
TBA
mA
12 mA
1
19.7
22.7
mA
16 mA
TBA
TBA
TBA
mA
24 mA
2
39.5
45.4
mA
High Level Out Current
@VOH=2.4V
IOH
2 mA
TBA
TBA
TBA
mA
4 mA
TBA
TBA
TBA
mA
8 mA
12.3
24.8
38
mA
12 mA
18.5
37.1
56.9
mA
16 mA
22.7
49.5
75.9
mA
24 mA
36.9
74.3
113.9
mA
Table 13. DC Characteristics (continued)
Parameter
Symbol
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com