Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-CG-P1A Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # LE-CG-P1A
Description  OSRAM OSTAR® Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-CG-P1A Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button LE-CG-P1A Datasheet HTML 3Page - ams-OSRAM AG LE-CG-P1A Datasheet HTML 4Page - ams-OSRAM AG LE-CG-P1A Datasheet HTML 5Page - ams-OSRAM AG LE-CG-P1A Datasheet HTML 6Page - ams-OSRAM AG LE-CG-P1A Datasheet HTML 7Page - ams-OSRAM AG LE-CG-P1A Datasheet HTML 8Page - ams-OSRAM AG LE-CG-P1A Datasheet HTML 9Page - ams-OSRAM AG LE-CG-P1A Datasheet HTML 10Page - ams-OSRAM AG LE-CG-P1A Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LE CG P1A
7 Version 1.6 | 2020-11-05
Forward current 4), 6)
I
F = f(VF); TJ = 25 °C;
all chips operated in parallel
LE CG P1A
2.62.8
3.03.2
3.43.6
VF /V
200
2000
4000
6000
8000
10000
12000
14000
16000
IF /mA
Relative Luminous Flux 4), 6)
Φ
v/Φv(12000 mA) = f(IF); TJ = 25 °C;
all chips operated in parallel
LE CG P1A
IF /mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ΦV
ΦV(12000mA)
Chromaticity Coordinate Shift 4)
ΔCx, ΔCy = f(I
F); TJ = 25 °C; all chips
operated in parallel; within λ = 500 ... 600 nm
LE CGP1A
IF [mA]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy
Chromaticity Coordinate Shift 4)
ΔCx, ΔCy = f(I
F); TJ = 25 °C; all chips
operated in parallel; full spectral range
LE CG P1A
IF /mA
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com