Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3002GML Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC3002GML
Description  FOM Management IC with Internal Calibr ation
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002GML Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC3002GML Datasheet HTML 17Page - Micrel Semiconductor MIC3002GML Datasheet HTML 18Page - Micrel Semiconductor MIC3002GML Datasheet HTML 19Page - Micrel Semiconductor MIC3002GML Datasheet HTML 20Page - Micrel Semiconductor MIC3002GML Datasheet HTML 21Page - Micrel Semiconductor MIC3002GML Datasheet HTML 22Page - Micrel Semiconductor MIC3002GML Datasheet HTML 23Page - Micrel Semiconductor MIC3002GML Datasheet HTML 24Page - Micrel Semiconductor MIC3002GML Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
21
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
Serial Address A2h
Byte
Bit
Default Value
Description
7
0
Masking bit for Temp High Warning interrupt source
6
0
Masking bit for Temp Low Warning interrupt source
5
0
Masking bit for Voltage High Warning interrupt source
4
0
Masking bit for Voltage Low Warning interrupt source
3
0
Masking bit for Bias High Warning interrupt source
2
0
Masking bit for Bias Low Warning interrupt source
1
0
Masking bit for TX Power High Warning interrupt source
250
0
0
Masking bit for TX Power Low Warning interrupt source
7
0
Masking bit for RX Power High Warning interrupt source
6
1
Masking bit for RX Power Low Warning interrupt source
5
Reserved
4
Reserved
3
Reserved
2
Reserved
1
Reserved
251
0
Reserved
Table 9. Warnings Interrupt Sources Masking Bits
Alarms and Warnings as TXFAULT Source
Alarms and warnings are not sources for TXFAULT with
the default setting. To set alarms as a TXFAULT source
set OEMCFG4 bit 6 to 1. To set warnings as a
TXFAULT, source set OEMCFG4 bit 7 to 1. The alarms
and warnings TXFAULT sources can be masked
individually in the same way shown in Tables 7 and 8.
Alarms and Warnings Latch
Alarms and warnings are latched with the default setting,
i.e., the flags once asserted remain ON until the register
is read or TXDSABLE is toggled. If OEMCFG4 bit 5 is
set to 1, the warnings are not latched and will be set and
reset with the warning condition. Reading the register or
toggling TXDISABLE will clear the flag. If OEMCFG4 bit
4 is set to 1, the alarms are not latched and will be set
and reset with the alarm condition. Reading the register
or toggling TXDISABLE will clear the flag.
SMBus Multipart Support
If more than one MIC3002 device shares the same serial
interface and multipart mode is selected on them
(OEMCFG5 bit 3 = 1), then pin 7 and pin 20 become
SMBus address bits 3 and 4 respectively. Therefore, the
parts should have a different setting on those pins to
create four address combinations based upon pin 7 and
pin 20 state, (00, 01, 10, 11) where 0 is a pull down to
GND and 1 is a pull up to VCC. The parts come from the
factory with the same address (A0) and multipart mode
OFF (OEMCFG5 bit 3 = 0). After power up, write 1 to
OEMCFG5 bit 3 to turn ON multipart mode, which is
done to all parts at the same time since they all respond
to serial address A0 at this point. With multipart mode
ON, the parts have different addresses based on the
states of pins 7 and 20. Another option is to access each
part individually, set their single mode address in
OEMCFG2 bits [4-7] to different values and then turn
OFF multipart mode to return to normal mode where the
parts have new different address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com