Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8303 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SM8303
Description  150KHz, 3A PWM Buck Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8303 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SM8303 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8303 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SAMHOP Microelectronics Corp.
SM8303
150KHz, 3A PWM Buck Switching Regulator
4
V1.0 May 17 ,2007
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Typ.
Limit
Unit
FB
V
Output
Feedback
5V < VIN < 32V
0.2A < ILOAD < 3A
VOUT programmed for
3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
SM8303-ADJ
η
Efficiency
VIN = 12V, ILOAD=3A
73
%
OUT
V
Output voltage
5.5V < VIN < 32V
0.2A < ILOAD < 3A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
SM8303-3.3V
η
Efficiency
VIN = 12V, ILOAD=3A
73
%
OUT
V
Output voltage
8V < VIN < 32V
0.2A < ILOAD < 3A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
SM8303-5V
η
Efficiency
VIN = 12V, ILOAD=3A
80
%
OUT
V
Output voltage
15V < VIN < 32V
0.2A < ILOAD < 3A
12
11.52/11.4
12.48/12.6
V
VMIN
VMAX
SM8303-12V
η
Efficiency
VIN = 15V, ILOAD = 3A
90
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com