Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT-8702 Datasheet(PDF) 1 Page - Pro-Signal

Part # UT-8702
Description  RJ45 Cat5e Faceplates
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

UT-8702 Datasheet(HTML) 1 Page - Pro-Signal

  UT-8702 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
17/08/20
RJ45 Cat5e Faceplates
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro - SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
RJ45 Cat5e Faceplate, Single Port
UT-8701
RJ45 Cat5e Faceplate, Double Port
UT-8702
RJ45 Cat5e Faceplate, 4 Ports
UT-8704
UT-8704
UT-8701 / UT-8702
Specifications
• Available with 1, 2, or 4 RJ45 sockets
• Backwards compatible with Cat 5
• 568A/B UTP wiring layout
• Label slots
• Fits a standard UK, 86mm × 86mm backbox (4 socket fits 86mm × 147mm backbox)


Similar Part No. - UT-8702

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
UT-8801 PROSIGNAL-UT-8801 Datasheet
134Kb / 1P
RJ45 Cat6 Faceplates
V1.0 18/08/20
UT-8802 PROSIGNAL-UT-8802 Datasheet
134Kb / 1P
RJ45 Cat6 Faceplates
V1.0 18/08/20
UT-8804 PROSIGNAL-UT-8804 Datasheet
134Kb / 1P
RJ45 Cat6 Faceplates
V1.0 18/08/20
UT-899224 PROSIGNAL-UT-899224 Datasheet
99Kb / 1P
24-Port Patch Panel
V1.0 22/01/20
UT-899544 PROSIGNAL-UT-899544 Datasheet
99Kb / 1P
24-Port Patch Panel
V1.0 22/01/20
More results

Similar Description - UT-8702

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-RJ45GFS-R ASSMANN-A-RJ45GFS-R Datasheet
346Kb / 1P
RJ45 SHIELDED CAT5E JACK
logo
List of Unclassifed Man...
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX103259 ETC2-AX103259 Datasheet
109Kb / 3P
Faceplates and Panels - CAT5E HD Patch Panel - HD-Style
logo
ERNI Electronics
394744 ERNI-394744 Datasheet
157Kb / 1P
M12 - RJ45 CAT5e Assembly
logo
PHOENIX CONTACT
2891165 PHOENIX-2891165 Datasheet
88Kb / 4P
Patch field with two RJ45 CAT5e network connections
2891178 PHOENIX-2891178 Datasheet
87Kb / 4P
Patch field with eight RJ45 CAT5e network connections
logo
Tripp Lite. All Rights ...
N031-050 TRIPPLITE-N031-050 Datasheet
154Kb / 2P
Cat5e RJ45 Modular In-Line Connectors for Stranded Cat5e Cable, 50-Pack, TAA
logo
Belden Inc.
RV5IJ2UBK-B24 BELDEN-RV5IJ2UBK-B24 Datasheet
270Kb / 2P
DataTuff Industrial REVConnect RJ45 Jack CAT5E UTP
logo
Electronic Components L...
CP30220 CLIFF-CP30220 Datasheet
181Kb / 1P
CAT5e RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30220S CLIFF-CP30220S Datasheet
185Kb / 1P
CAT5e RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com