Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT-8801 Datasheet(PDF) 1 Page - Pro-Signal

Part # UT-8801
Description  RJ45 Cat6 Faceplates
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

UT-8801 Datasheet(HTML) 1 Page - Pro-Signal

  UT-8801 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
18/08/20
RJ45 Cat6 Faceplates
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro - SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
RJ45 Cat6 Faceplate, Single Port
UT-8801
RJ45 Cat6 Faceplate, Double Port
UT-8802
RJ45 Cat6 Faceplate, 4 Ports
UT-8804
UT-8804
UT-8801 / UT-8802
Specifications
• Available with 1, 2, or 4 RJ45 sockets
• Backwards compatible with Cat 5 and 5E
• 568A/B UTP wiring layout
• Label slot
• Fits a standard UK, 86mm × 86mm backbox (4 socket fits 86mm × 147mm backbox)


Similar Part No. - UT-8801

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
UT-8701 PROSIGNAL-UT-8701 Datasheet
133Kb / 1P
RJ45 Cat5e Faceplates
V1.0 17/08/20
UT-8702 PROSIGNAL-UT-8702 Datasheet
133Kb / 1P
RJ45 Cat5e Faceplates
V1.0 17/08/20
UT-8704 PROSIGNAL-UT-8704 Datasheet
133Kb / 1P
RJ45 Cat5e Faceplates
V1.0 17/08/20
UT-899224 PROSIGNAL-UT-899224 Datasheet
99Kb / 1P
24-Port Patch Panel
V1.0 22/01/20
UT-899544 PROSIGNAL-UT-899544 Datasheet
99Kb / 1P
24-Port Patch Panel
V1.0 22/01/20
More results

Similar Description - UT-8801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX103253 ETC2-AX103253 Datasheet
113Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
AX103255 ETC2-AX103255 Datasheet
116Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
SACK2S ETC2-SACK2S Datasheet
105Kb / 2P
RJ45 Coupler - CAT6, Shielded, Panel Mount
logo
PHOENIX CONTACT
2891071 PHOENIX-2891071 Datasheet
88Kb / 4P
Patch field with eight RJ45 CAT6 network connections
logo
Belden Inc.
RV6IJ2UBK-B24 BELDEN-RV6IJ2UBK-B24 Datasheet
270Kb / 2P
DataTuff Industrial REVConnect RJ45 Jack CAT6 UTP
RV6IJ2SME-B24 BELDEN-RV6IJ2SME-B24 Datasheet
284Kb / 2P
DataTuff Industrial REVConnect RJ45 Jack CAT6 STP
logo
PHOENIX CONTACT
1658118 PHOENIX-1658118 Datasheet
55Kb / 2P
Patch panels - VS-PP-F-RJ45-CAT6
logo
HARTING Technology Grou...
09-45-400-1560 HARTING-09-45-400-1560 Datasheet
466Kb / 2P
Han-Modular RJ45 10G Cat6 plug 8p IDC
logo
List of Unclassifed Man...
TDS8PC6 ETC2-TDS8PC6 Datasheet
61Kb / 1P
RJ45 CAT6 SHLD PLUG W/ STRN RL
Rev. E
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com