Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6WK-1F-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G6WK-1F-R
Description  High-frequency Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6WK-1F-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  G6WK-1F-R Datasheet HTML 1Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 2Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 3Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 4Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 5Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 6Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 7Page - Omron Electronics LLC G6WK-1F-R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
G6W
G6W
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
20
40
60
80
100
120
0
500
1,000
1,500
2,000
2,500 3,000
Frequency (MHz)
(Average value)
0
0.1
0.2
0.3
0.4
0.5
0
500
1,000
1,500
2,000
2,500 3,000
Frequency (MHz)
(Average value)
0
10
20
30
40
50
60
0
500
1,000
1,500
2,000
2,500 3,000
Frequency (MHz)
(Average value)
High-frequency Characteristics
(Isolation)
High-frequency Characteristics
(Insertion Loss)
High-frequency Characteristics
(Return Loss)
Note: The tests were conducted at an ambient
temperature of 23ºC.
Must set time
Must reset time
Sample:
G6WK-1P 4.5 VDC
Number of Relays: 20
20
15
10
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Time (ms)
Time (ms)
Must set bounce time
Must reset bounce time
Sample:
G6WK-1P 4.5 VDC
Number of Relays: 20
30
25
20
15
10
5
0
0.5
1.0
1.5
2.0
2.5
3.0
Must Set and Must Reset Time
Distribution (See note.)
Must Set and Must Reset Bounce
Time Distribution (See note.)
+
17
18
10
8
20
15 14 13
11
12
3
5
6 7
+
+
R
S
17
18
10
8
20
15 14 13
11
12
3
5
6 7
G6WU-1F
20
9.4
0.2
0.2
5.08
11.6
9.2
Twelve, 0.6
15.24
22.2
Three,
0.4
2.7
1.1
Through-hole
5.9
2.8
5.08 9.4
3.2
1.1
8.6
20.4
2.54 2.54 2.54 2.54 5.08
Orientation mark
G6W-1F
Orientation mark
1.8
3
G6W-1F
G6WU-1F
PCB Mounting Holes
(Top View)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(Top View)
Note:
Each value has a tolerance of ±0.3 mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com