Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2201IPE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC2201IPE4
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2201IPE4 Datasheet(HTML) 1 Page - Texas Instruments

  TLC2201IPE4 Datasheet HTML 1Page - Texas Instruments TLC2201IPE4 Datasheet HTML 2Page - Texas Instruments TLC2201IPE4 Datasheet HTML 3Page - Texas Instruments TLC2201IPE4 Datasheet HTML 4Page - Texas Instruments TLC2201IPE4 Datasheet HTML 5Page - Texas Instruments TLC2201IPE4 Datasheet HTML 6Page - Texas Instruments TLC2201IPE4 Datasheet HTML 7Page - Texas Instruments TLC2201IPE4 Datasheet HTML 8Page - Texas Instruments TLC2201IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D B Grade Is 100% Tested for Noise
30 nV/
√Hz Max at f = 10 Hz
12 nV/
√Hz Max at f = 1 kHz
D Low Input Offset Voltage . . . 500 µV Max
D Excellent Offset Voltage Stability
With Temperature . . . 0.5
µV/°C Typ
D Rail-to-Rail Output Swing
D Low Input Bias Current
1 pA Typ at TA = 25°C
D Common-Mode Input Voltage Range
Includes the Negative Rail
D Fully Specified For Both Single-Supply and
Split-Supply Operation
description
The
TLC220x,
TLC220xA,
TLC220xB,
and
TLC220xY are precision, low-noise operational
amplifiers using Texas Instruments Advanced
LinCMOS
™ process. These devices combine the
noise performance of the lowest-noise JFET
amplifiers
with
the
dc
precision
available
previously
only
in
bipolar
amplifiers.
The
Advanced LinCMOS
™ process uses silicon-gate
technology to obtain input offset voltage stability
with temperature and time that far exceeds that
obtainable
using
metal-gate
technology.
In
addition, this technology makes possible input
impedance levels that meet or exceed levels
offered
by
top-gate
JFET
and
expensive
dielectric-isolated devices.
The combination of excellent dc and noise
performance with a common-mode input voltage
range that includes the negative rail makes these
devices an ideal choice for high-impedance,
low-level signal-conditioning applications in either
single-supply or split-supply configurations.
The device inputs and outputs are designed to withstand –100-mA surge currents without sustaining latch-up.
In addition, internal ESD-protection circuits prevent functional failures at voltages up to 2000 V as tested under
MIL-PRF-38535, Method 3015.2; however, care should be exercised in handling these devices as exposure
to ESD may result in degradation of the parametric performance.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from – 40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of – 55
°C to 125°C.
Advanced LinCMOS is a trademark of Texas Instruments Incorporated.
Copyright
© 1997, Texas Instruments Incorporated
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
10
100
f – Frequency – Hz
TYPICAL EQUIVALENT
INPUT NOISE VOLTAGE
vs
FREQUENCY
60
1 k
10 k
50
40
30
20
10
0
VDD = 5 V
RS = 20 Ω
TA = 25°C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLC2201IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2201IPE4 TI-TLC2201IPE4 Datasheet
1,017Kb / 66P
Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201IPE4 TI1-TLC2201IPE4 Datasheet
1Mb / 70P
Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201IPE4 TI1-TLC2201IPE4 Datasheet
1Mb / 70P
Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2201IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC220X TI-TLC220X Datasheet
944Kb / 62P
Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_07 Datasheet
1,017Kb / 66P
Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_15 Datasheet
957Kb / 39P
Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com