Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-T676 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LG-T676
Description  TOPLED®
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-T676 Datasheet(HTML) 5 Page - ams-OSRAM AG

  LG-T676 Datasheet HTML 1Page - ams-OSRAM AG LG-T676 Datasheet HTML 2Page - ams-OSRAM AG LG-T676 Datasheet HTML 3Page - ams-OSRAM AG LG-T676 Datasheet HTML 4Page - ams-OSRAM AG LG-T676 Datasheet HTML 5Page - ams-OSRAM AG LG-T676 Datasheet HTML 6Page - ams-OSRAM AG LG-T676 Datasheet HTML 7Page - ams-OSRAM AG LG-T676 Datasheet HTML 8Page - ams-OSRAM AG LG-T676 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LG T676
5 Version 1.4 | 2021-12-10
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 7)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
P1
45 mcd
56 mcd
150 mlm
P2
56 mcd
71 mcd
190 mlm
Q1
71 mcd
90 mcd
240 mlm
Q2
90 mcd
112 mcd
300 mlm
R1
112 mcd
140 mcd
380 mlm
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 20 mA
I
F = 20 mA
min.
max.
λ
dom
λ
dom
2
566 nm
569 nm
3
569 nm
572 nm
4
572 nm
575 nm
Group Name on Label
Example: P1-2
Brightness
Wavelength
P1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com