Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-T679 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # LG-T679
Description  TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LG-T679 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button LG-T679 Datasheet HTML 2Page - ams-OSRAM AG LG-T679 Datasheet HTML 3Page - ams-OSRAM AG LG-T679 Datasheet HTML 4Page - ams-OSRAM AG LG-T679 Datasheet HTML 5Page - ams-OSRAM AG LG-T679 Datasheet HTML 6Page - ams-OSRAM AG LG-T679 Datasheet HTML 7Page - ams-OSRAM AG LG-T679 Datasheet HTML 8Page - ams-OSRAM AG LG-T679 Datasheet HTML 9Page - ams-OSRAM AG LG-T679 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LG T679
6 Version 1.2 | 2019-07-22
Relative Spectral Emission 7)
I
rel = f (λ); IF = 2 mA; TS = 25 °C
%
rel
λ
OHL01210
100
80
60
40
20
0
400
450
500
550
600
650
700
nm
I
λ
V
Radiation Characteristics 7)
I
rel = f (ϕ); TS = 25 °C
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com