Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT163 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT163
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT163 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74ACT163 Datasheet HTML 2Page - Texas Instruments CD74ACT163 Datasheet HTML 3Page - Texas Instruments CD74ACT163 Datasheet HTML 4Page - Texas Instruments CD74ACT163 Datasheet HTML 5Page - Texas Instruments CD74ACT163 Datasheet HTML 6Page - Texas Instruments CD74ACT163 Datasheet HTML 7Page - Texas Instruments CD74ACT163 Datasheet HTML 8Page - Texas Instruments CD74ACT163 Datasheet HTML 9Page - Texas Instruments CD74ACT163 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CD54ACT163, CD74ACT163
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS300B – APRIL 2000 – REVISED MARCH 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 2)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 2)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): E package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 4)
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
IOH
High-level output current
–24
–24
–24
mA
IOL
Low-level output current
24
24
24
mA
∆t/∆v
Input transition rise or fall rate
10
10
10
ns
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com