Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1M6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ESDA6V1M6
Description  4- and 5-line Transil??arrays for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1M6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ESDA6V1M6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1M6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1M6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1M6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1M6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1M6 Datasheet HTML 8Page - STMicroelectronics ESDA6V1M6 Datasheet HTML 9Page - STMicroelectronics ESDA6V1M6 Datasheet HTML 10Page - STMicroelectronics ESDA6V1M6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Recommendation on PCB assembly
ESDA6V1M6, ESDA6V1-5M6
8/11
4.2
Solder paste
1.
Halide-free flux qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste is recommended.
3.
Offers a high tack force to resist component movement during high speed.
4.
Solder paste with fine particles: powder particle size is 20-45 µm.
4.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering.
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
3.5 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB (all the more on flexible PCB) is
recommended during solder paste printing, pick and place and reflow soldering by
using optimized tools.
4.4
PCB design preference
1.
To control the solder paste amount, the closed via is recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced. The
symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com